Electronic Components Datasheet Search
  English  ▼

X  

UM1955 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 7Page - STMicroelectronics UM1955 Datasheet HTML 8Page - STMicroelectronics UM1955 Datasheet HTML 9Page - STMicroelectronics UM1955 Datasheet HTML 10Page - STMicroelectronics UM1955 Datasheet HTML 11Page - STMicroelectronics UM1955 Datasheet HTML 12Page - STMicroelectronics UM1955 Datasheet HTML 13Page - STMicroelectronics UM1955 Datasheet HTML 14Page - STMicroelectronics UM1955 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DocID028405 Rev 1
11/28
UM1955
Photodiode/UV sensor
28
5
Photodiode/UV sensor
This configuration can be used to monitor the ambient light and, for example, trigger an
action when a threshold level is reached.
5.1
Schematic diagram
Figure 6 depicts the circuit schematic of photodiode sensor configuration.
Figure 6. Photodiode configuration circuit schematic
5.2
How to set up the expansion board
This configuration does not require any setup. Only the output voltage is reported. This
voltage is available on pin A4 of the Arduino UNO R3 connector and PC1 of the ST morpho
connectors (not mounted in the expansion board).
5.3
Measurement example
Here, three examples have been selected.
•
Case 1: The board is placed inside a closed box. Vout = 33 mV (Vol of the operational
amplifier which is saturating)
•
Case 2: The board is in ambient light Vout = 420 mV
•
Case 3: The sensor is below a light source Vout = 3.272 V (Voh of the operational
amplifier which is saturating)
Depending on the needs of the application, it can be interesting to have current with better
sensitivity to darkness. In this case, it is recommended to increase the value of the R26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com