Electronic Components Datasheet Search
  English  ▼

X  

UM1955 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 12Page - STMicroelectronics UM1955 Datasheet HTML 13Page - STMicroelectronics UM1955 Datasheet HTML 14Page - STMicroelectronics UM1955 Datasheet HTML 15Page - STMicroelectronics UM1955 Datasheet HTML 16Page - STMicroelectronics UM1955 Datasheet HTML 17Page - STMicroelectronics UM1955 Datasheet HTML 18Page - STMicroelectronics UM1955 Datasheet HTML 19Page - STMicroelectronics UM1955 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Window comparator configuration
UM1955
16/28
DocID028405 Rev 1
Equation 8
•
If P2 equals its maximum value (500 k):
–Vth_low = 62 mV
–Vth_high = 3.238 V
•
If P2 equals its minimum value (0):
–Vth_low = 1.1 V
–Vth_high = 2.2 V
From a software standpoint, the D2 and D4 pins on the Arduino UNO R3 connectors or
PA10 and PB5 on the ST morpho connectors (not mounted in the expansion board) must be
monitored.
7.3
Theoretical output
The operational amplifier output toggles when the signal is out of the specified window.
Vin < Vthreshold_low:
D2: high state
D4: low state
Vthreshold_low < Vin < Vthreshold_high:
D2: high state
D4:high state
Vthreshold_high < Vin:
D2: low state
D4: high state
Figure 10 depicts the different states:
Figure 10. Window comparator explanation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com