Electronic Components Datasheet Search
  English  ▼

X  

UM1975 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1975
Description  Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1975 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1975 Datasheet HTML 10Page - STMicroelectronics UM1975 Datasheet HTML 11Page - STMicroelectronics UM1975 Datasheet HTML 12Page - STMicroelectronics UM1975 Datasheet HTML 13Page - STMicroelectronics UM1975 Datasheet HTML 14Page - STMicroelectronics UM1975 Datasheet HTML 15Page - STMicroelectronics UM1975 Datasheet HTML 16Page - STMicroelectronics UM1975 Datasheet HTML 17Page - STMicroelectronics UM1975 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Component descriptions
UM1975
14/20
DocID028608 Rev 1
3.4
Radio certification
3.4.1
Formal notices required by the U.S. Federal Communications
Commission (FCC)
Any changes or modifications to this equipment not expressly approved by
STMicroelectronics may cause harmful interference and vo
id the user’s authority to operate
this equipment.
This device complies with Part 15 of the FCC Rules. Operation is subject to the following
two conditions: (1) this device may not cause harmful interference, and (2) this device must
accept any interference received, including any interference that may cause undesired
operation.
This device uses, generates and radiates radio frequency energy. The radio frequency
energy produced by this device is well below the maximum exposure limit established by
the Federal Communications Commission (FCC).
The X-NUCLEO-IDW01M1 contains the FCC certified SPWF01SA module (FCC ID: VRA-
SG9011203).
3.4.2
Formal notices required by Industry Canada (IC)
English:
This device complies with Industry Canada license-exempt RSS standard(s). Operation is
subject to the following two conditions: (1) this device may not cause interference, and (2)
this device must accept any interference, including interference that may cause undesired
operation of the device.
French:
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils
radio exempts de licence. 'Exploitation est autorisée aux deux conditions suivantes : (1)
l'appareil ne doit pas produire de brouillage, et (2) l'utilisateur de l'appareil doit accepter
tout brouillage radioélectrique subi, même si le brouillage est susceptible d'en
compromettre le fonctionnement.
The X-NUCLEO-IDW01M1 contains the IC certified SPWF01SA module (IC: 7420A-
SG9011203)
3.4.3
Formal notices required by the ETSI (CE)
This module complies with the following European EMI/EMC and safety directives and
standards:
ETSI EN 300 328 V1.8.1:2012
EN 301 489-1 V1.9.2:2011 + EN 301 489-17 V2.2.1:2009
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013
EN 62479:2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com