Electronic Components Datasheet Search
  English  ▼

X  

UM1975 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1975
Description  Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1975 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1975 Datasheet HTML 12Page - STMicroelectronics UM1975 Datasheet HTML 13Page - STMicroelectronics UM1975 Datasheet HTML 14Page - STMicroelectronics UM1975 Datasheet HTML 15Page - STMicroelectronics UM1975 Datasheet HTML 16Page - STMicroelectronics UM1975 Datasheet HTML 17Page - STMicroelectronics UM1975 Datasheet HTML 18Page - STMicroelectronics UM1975 Datasheet HTML 19Page - STMicroelectronics UM1975 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
UM1975
Board schematic and bill of materials
DocID028608 Rev 1
17/20
Item
Package
Manufacturer
Manufacturer’s
ordering code
Value
13
0603
--
--
BLUE LED
14
0603
--
--
RED LED
15
0603
--
--
YELLOW LED
16
0603
--
--
0 Ω
17
0603
--
--
100 Ω ±5%
18
0603
--
--
270 Ω ±5%
19
0603
--
--
470 Ω ±5%
20
0603
--
--
4.7 k
Ω ±5%
21
0603
--
--
10 k
Ω ±5%
22
0603
--
--
220 k
Ω ±5%
23
0603
--
--
Not mounted
24
0805
--
--
0 Ω
25
0805
--
--
Not mounted
26
SOT323-5L
STMicroelectronics
STLQ50C25R
STLQ50C25R
27
QFN10 (1.8 x
1.4)
Any
Interface between a 3.3 V
bus and a 2.5 V
Mounted on board -
STMicroelectronics
ST2G3236QTR
28
SMD
ITT
IN SUNG METAL
CO
ALPS
or equivalent
KSR221J
IT-1210-S
SKQYAB (G4822969M)
29
1 pin
--
--
strip 1p
30
15.24x26.924
STMicroelectronics
SPWF01SA.11
SPWF01SA.11
Serial-to-Wi-Fi
Modules)
31
54.5x70mm
--
--
P.C.B. PC91A.V03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com