Electronic Components Datasheet Search
  English  ▼

X  

UM2047 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2047
Description  X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2047 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2047 Datasheet HTML 2Page - STMicroelectronics UM2047 Datasheet HTML 3Page - STMicroelectronics UM2047 Datasheet HTML 4Page - STMicroelectronics UM2047 Datasheet HTML 5Page - STMicroelectronics UM2047 Datasheet HTML 6Page - STMicroelectronics UM2047 Datasheet HTML 7Page - STMicroelectronics UM2047 Datasheet HTML 8Page - STMicroelectronics UM2047 Datasheet HTML 9Page - STMicroelectronics UM2047 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
X-NUCLEO-53L0A1 expansion board
UM2047
6/16
DocID029189 Rev 2
Table 3. Arduino left connector on NUCLEO-F401RE board
CN Nb
VL53L0X
board
Pin Nb
Pin name
MCU pin
X-NUCLEO-53L0A1
expansion board function
CN6 Power
1NC
NC
2
NC
IOREF
Not used
3
NC
RESET
Not used
Power
4
+3V3
+3V3
3.3V supply
5
NC
+5V
Not used
Gnd
6
Gnd
Gnd
Gnd
Gnd
7
Gnd
Gnd
Gnd
8
NC
VIN
Not used
CN8 Analog
1
NC
PA0
Not used
2
NC
PA1
Not used
GPIO1
3
INT
PA4
Interrupt signal from VL53L0X
on board soldered device
4
NC
PB0
Not used
GPIO1
5
INT*
PC1(1)
1. Depends on STM32 Nucleo board solder bridges, see details in Section 3.3: Solder drop configurations.
These interrupt signals are duplicated, but not used. This offers hardware connection flexibility in case of
conflict on MCU interface management when expansion board is used superposed with other expansion
boards. In this case remove solder drop from the used interrupt and instead fit the solder drop in “N.C”.
By default not used
Interrupt signal from VL53L0X
on board soldered device
6
NC
PC0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com