Electronic Components Datasheet Search
  English  ▼

X  

UM2047 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM2047
Description  X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2047 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM2047 Datasheet HTML 5Page - STMicroelectronics UM2047 Datasheet HTML 6Page - STMicroelectronics UM2047 Datasheet HTML 7Page - STMicroelectronics UM2047 Datasheet HTML 8Page - STMicroelectronics UM2047 Datasheet HTML 9Page - STMicroelectronics UM2047 Datasheet HTML 10Page - STMicroelectronics UM2047 Datasheet HTML 11Page - STMicroelectronics UM2047 Datasheet HTML 12Page - STMicroelectronics UM2047 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID029189 Rev 2
9/16
UM2047
X-NUCLEO-53L0A1 expansion board
16
3.2.2
List of materials
Table 5. List of materials
Components
Value
Reference
Supplier
Comments
VL53L0X application
C1, C3
100nF
X5R
Supply voltage decoupling
C2
4.7µF
X5R - 6.3V
Supply voltage decoupling
R1
47k
Interrupt output pull-up
R2
47k
Reset input pull-up
R66, R67
4.7k
SDA and SCL line pull-up at 2.8V
S1
VL53L0X
ST
Ranging and gesture recognition
device
VL53L0X Satellite board interfaces
R20
47k
Left satellite board interrupt
output pull-up
R21
47k
Left satellite board reset input
pull-up
R22
47k
Right satellite board reset input
pull-up
R23
47k
Right satellite board interrupt
output pull-up
2.8V regulator application
C8
10µF
X5R - 6.3V
Output voltage decoupling
C9
10µF
X5R - 6.3V
Input voltage decoupling
R35
49.9k
Feedback resistor bridge to set
the output voltage to 2.8V
R43
20k
U20
LD39050PUR
ST
Output programmable regulator
Level translator application
C4, C6, C11
100nF
2.8V decoupling capacitor
C5, C7, C13
100nF
3.3V decoupling capacitor
C12
1µF
X5R - 6.3V
R68, R69
4.7k
SDA and SCL line pull-up at 3.3V
U3, U9
TXS0108PWR
TI
For all signals except I2C
interface
U24
ST2329AQTR
ST
For I2C interface
Add-on feature
C10
100nF
Supply decoupling capacitor
R45
4.7k
Push-button pull-up
R46
1k
Output pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com