Electronic Components Datasheet Search
  English  ▼

X  

L6706TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6706TR
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6706TR Datasheet HTML 2Page - STMicroelectronics L6706TR Datasheet HTML 3Page - STMicroelectronics L6706TR Datasheet HTML 4Page - STMicroelectronics L6706TR Datasheet HTML 5Page - STMicroelectronics L6706TR Datasheet HTML 6Page - STMicroelectronics L6706TR Datasheet HTML 7Page - STMicroelectronics L6706TR Datasheet HTML 8Page - STMicroelectronics L6706TR Datasheet HTML 9Page - STMicroelectronics L6706TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Pins description and connection diagrams
L6706
6/47
Doc ID 15698 Rev 2
2
Pins description and connection diagrams
Figure 3.
Pins connection (top view)
2.1
Pin description
37
36
35
34
33
32
31
30
10
11
12
13
14
15
16
17
18
27
26
25
24
23
22
21
123456789
OFFSET
OVPSEL
OCSET
OSC/FAULT
SSOSC/FLIMIT
OUTEN
CS+
CS-
INT1
BOOT
UGATE
PHASE
PGND
L6706
VCCDR
N.C.
INT4
N.C.
LGATE
19
VID0
28
29
INT3
20
40
39
38
Table 2.
Pin description
N°
Name
Description
1DGND
Digital GND.
It must be connected to PGND (power ground).
2SGND
All the internal references are referred to this pin.
Connect it to the PCB signal ground.
3VCC
Device supply voltage pin.
The operative supply voltage is 12 V ±15%. Filter with 1 x 1 µF MLCC capacitor
vs. SGND.
4COMP
Error amplifier output.
Connect with an RF - CF//CP vs. FB pin. The device cannot be disabled by
pulling down this pin.
5FB
Error amplifier inverting input pin.
Connect with a resistor RFB vs. VSEN and with an RF - CF//CP vs. COMP pin. A
current proportional to the load current is sourced from this pin in order to
implement the droop effect. See “Droop function” Section for details.
6
VSEN
Output voltage monitor, manages OVP/UVP protections and FB disconnection.
Connect to the positive side of the load to perform remote sense. See “Layout
guidelines” Section for proper layout of this connection.
7FBG
Connect to the negative side of the load to perform remote sense. See “Layout
guidelines” Section for proper layout of this connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com