Electronic Components Datasheet Search
  English  ▼

X  

L6706TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6706TR
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6706TR Datasheet HTML 26Page - STMicroelectronics L6706TR Datasheet HTML 27Page - STMicroelectronics L6706TR Datasheet HTML 28Page - STMicroelectronics L6706TR Datasheet HTML 29Page - STMicroelectronics L6706TR Datasheet HTML 30Page - STMicroelectronics L6706TR Datasheet HTML 31Page - STMicroelectronics L6706TR Datasheet HTML 32Page - STMicroelectronics L6706TR Datasheet HTML 33Page - STMicroelectronics L6706TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Enable and disable
L6706
30/47
Doc ID 15698 Rev 2
13
Enable and disable
L6706 has three different supplies: VCC pin to supply the internal control logic, VCCDR to
supply the low side driver and BOOT to supply the high side driver.
If the voltage at pin VCC is not above the turn on threshold specified in the Electrical
characteristics table (see Table 5), the device is shut down: High-side and low-side driver
keep the MOSFETs off to show high impedance to the load.
Once the device is correctly supplied, proper operation is assured and the device can be
driven by the OUTEN pin to control the power sequencing. Setting the pin free, the device
implements a soft-start up to the programmed voltage. Shorting the pin to SGND, it resets
the device (SS_END is shorted to SGND in this condition) from any latched condition and
also disables the device keeping all the MOSFET turned off to show high impedance to the
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com