Electronic Components Datasheet Search
  English  ▼

X  

L6751C Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 30Page - STMicroelectronics L6751C Datasheet HTML 31Page - STMicroelectronics L6751C Datasheet HTML 32Page - STMicroelectronics L6751C Datasheet HTML 33Page - STMicroelectronics L6751C Datasheet HTML 34Page - STMicroelectronics L6751C Datasheet HTML 35Page - STMicroelectronics L6751C Datasheet HTML 36Page - STMicroelectronics L6751C Datasheet HTML 37Page - STMicroelectronics L6751C Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Output voltage monitoring and protection
L6751C
34/57
DocID025037 Rev 1
7
Output voltage monitoring and protection
The L6751C monitors the regulated voltage of both sections through pin VSEN and SVSEN
in order to manage OV and UV. The device shows different thresholds when in different
operative conditions but the behavior in response to a protection event is still the same as
described below.
Protection is active also during soft-start while it is properly masked during DVID transitions
with an additional delay to avoid false triggering. OV protection is active during DVID with
threshold modified to 1.8 V unless offset has been commanded by SVI or PMBus: in this
case the fixed threshold is 2.4 V.
Table 13. L6751C protection at a glance
7.1
Overvoltage
When the voltage sensed by VSEN and/or SVSEN surpasses the OV threshold, the
controller acts in order to protect the load from excessive voltage levels avoiding any possi-
ble undershoot. To reach this target, a special sequence is performed as per the following
list:
–
The reference performs a DVID transition down to 250 mV on the section which
triggered the OV protection.
–
The PWMs of the section which triggered the protection are switched between
Hi-Z and zero (ENDRV is kept high) in order to follow the voltage imposed by the
DVID on-going. This limits the output voltage excursion, protects the load and
assures no undershoot is generated (if VOUT < 250 mV, the section is Hi-Z).
–
The PWMs of the non-involved section are set permanently to Hi-Z (ENDRV is
kept low) in order to realize a Hi-Z condition.
–
OSC/ FLT pin is driven high.
–
Power supply or EN pin cycling is required to restart operation.
If the cause of the failure is removed, the converter ends the transition with all PWMs in
Hi-Z state and the output voltage of the section which triggered the protection lower than
250 mV.
Section
Multi-phase
Single-phase
Overvoltage
(OV)
VSEN, SVSEN = +175 mV above reference.
Action: IC latch; LS = ON and PWMx = 0 (if applicable); other section: Hi-Z.
VR_READY of the latched section resets (only).
Undervoltage
(UV)
VSEN, SVSEN = 400 mV below reference. Active after Ref > 500 mV.
Action: IC latch; both sections Hi-Z. VR_READY of the latched section resets
(only).
Overcurrent (OC)
Current monitor across inductor DCR. Dual protection, per-phase and total.
Action: UV-Like. VR_READY of the latched section resets (only).
Dynamic VID
Protection masked with additional delay to prevent from false triggering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com