Electronic Components Datasheet Search
  English  ▼

X  

L6751C Datasheet(PDF) 51 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 47Page - STMicroelectronics L6751C Datasheet HTML 48Page - STMicroelectronics L6751C Datasheet HTML 49Page - STMicroelectronics L6751C Datasheet HTML 50Page - STMicroelectronics L6751C Datasheet HTML 51Page - STMicroelectronics L6751C Datasheet HTML 52Page - STMicroelectronics L6751C Datasheet HTML 53Page - STMicroelectronics L6751C Datasheet HTML 54Page - STMicroelectronics L6751C Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
DocID025037 Rev 1
51/57
L6751C
PMBus support (preliminary)
57
12.1
Enabling the device through PMBus
The default condition for the L6751C is to power up through the EN pin ignoring PMBus
commands. By properly setting the ON_OFF_CONFIG command, it is also possible to let
the device ignore the EN pin acting only as a consequence of the OPERATION command
issued.
12.2
Controlling VOUT through PMBus
VOUT can be set independently from SetVID commands issued through the SVI interface by
using PMBus. Two main modes can be identified as:
–
Offset above SVI commanded voltage. By enabling the MARGIN mode through
the OPERATION command and by commanding the MARGIN_HIGH and
MARGIN_LOW registers, it is possible to dynamically control an offset above the
output voltage commanded through the SVI bus.
–Fixed VOUT regardless of SVI. It is necessary to enter DEBUG_MODE. In this
condition, commands from SVI are acknowledged but not executed and
VOUT_COMMAND controls the voltage regulated on the output. The L6751C can
enter and exit DEBUG_MODE anytime. Upon any transition, VOUT remains
unchanged and only the next-coming command affects the output voltage
positioning (i.e. when exiting DEBUG_MODE, returning to SVI domain, output
voltage remains unchanged until the next SetVID command).
Figure 17. Device initialization: PMBus controlling VOUT
VCC5
VDRV
VIN
UVLO
2mSec POR
UVLO
UVLO
50
µSec
EN
SVI BUS
PMBus
V_SinglePhase
ENVTT (Ignored by ON_OFF_Config setting)
SVRRDY
64
µSec
ON-OFF_Config
Operation
V_MultiPhase
VRRDY
64
µSec
SVI Packet
Command Rejected
Command ACK but not executed
AM14823v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com