Electronic Components Datasheet Search
  English  ▼

X  

L6758A Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 30Page - STMicroelectronics L6758A Datasheet HTML 31Page - STMicroelectronics L6758A Datasheet HTML 32Page - STMicroelectronics L6758A Datasheet HTML 33Page - STMicroelectronics L6758A Datasheet HTML 34Page - STMicroelectronics L6758A Datasheet HTML 35Page - STMicroelectronics L6758A Datasheet HTML 36Page - STMicroelectronics L6758A Datasheet HTML 37Page - STMicroelectronics L6758A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Main oscillator
L6758A
34/42
DocID023298 Rev 2
10
Main oscillator
The internal oscillator generates the triangular waveform for the PWM, charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, F
SW
, F
SSW
, is internally fixed at 200 kHz: the resulting switching frequency at the
load side for the multi-phase section results in being multiplied by N (number of configured
phases).
The current delivered to the oscillator is typically 20
μA (corresponding to the freerunning
frequency F
SW
=200 kHz) and it may be varied using an external resistor (R
OSC
, R
SOSC
)
typically connected between the OSC, SOSC pins and GND. Since the OSC/SOSC pins are
fixed at 1 V, the frequency is varied proportionally to the current sunk from the pin
considering the internal gain of 10 KHz/
μA for F
SW
or 11 KHz/
μA for F
SSW
(see
Figure 10).
Connecting R
OSC
to SGND the frequency is increased (current is sunk from the pin),
according to the following relationships:
Equation 12
Figure 10. ROSC [kΩ] vs. switching frequency [kHz] per phase.
F
SW
200 kH z
1.000 V
R
OS C
k
Ω
()
---------------------------- 10
kH z
μA
-----------
⋅
+
=
AM11143v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com