Electronic Components Datasheet Search
  English  ▼

X  

L6758A Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6758A
Description  DPM - dynamic phase management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6758A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6758A Datasheet HTML 32Page - STMicroelectronics L6758A Datasheet HTML 33Page - STMicroelectronics L6758A Datasheet HTML 34Page - STMicroelectronics L6758A Datasheet HTML 35Page - STMicroelectronics L6758A Datasheet HTML 36Page - STMicroelectronics L6758A Datasheet HTML 37Page - STMicroelectronics L6758A Datasheet HTML 38Page - STMicroelectronics L6758A Datasheet HTML 39Page - STMicroelectronics L6758A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
System control loop compensation
L6758A
36/42
DocID023298 Rev 2
Figure 12. Control loop bode diagram and fine tuning.
To obtain the desired shape, an R
F
-C
F
series network is considered for the Z
F
(s)
implementation. A zero at
ω
F
=1/R
F
C
F
is then introduced together with an integrator. This
integrator minimizes the static error while placing the zero
ω
F
in correspondence with the L-
C resonance, assuring a simple -20 dB/dec shape of the gain.
In fact, considering the usual value for the output filter, the LC resonance results at a
frequency lower than the above reported zero.
The compensation network can be designed as follows:
Equation 14
Equation 15
11.1
Compensation network guidelines
The compensation network design assures that the system responds according to the
crossover frequency selected and to the output filter considered: it is anyway possible to
further fine-tune the compensation network modifying the bandwidth in order to get the best
response of the system, as follows (see
Figure 12):
–
Increase R
F
to increase the system bandwidth accordingly
–
Decrease R
F
to decrease the system bandwidth accordingly
–
Increase C
F
to move
ω
F
to low frequencies increasing, as a consequence, the
system phase margin.
Even though a fastest compensation network helps to satisfy the requirement of the load,
the inductor still limits the maximum dI/dt that the system can afford. In fact, when a load
transient is applied, the best that the controller can do is to “saturate” the duty cycle to its
maximum (d
MAX
) or minimum (0) value. The output voltage dV/dt is then limited by the
inductor charge/discharge time and by the output capacitance. In particular, the most
AM11145v1
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ωF
ω
ESR
ω
T
RF[dB]
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ωF
ω
ESR
ω
T
RF[dB]
RF
CF
R
F
R
FB
ΔV
OS C
⋅
V
IN
----------------------------------
10
9
------
F
SW
L
⋅
R
LL
ES R
+
()
----------------------------------
⋅⋅
=
C
F
C
O
L
⋅
R
F
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com