Electronic Components Datasheet Search
  English  ▼

X  

2SC5773 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC5773
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5773 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC5773 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5773 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5773 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5773 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5773 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5773 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5773 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5773 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5773 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2SC5773
3
1000
800
400
200
0
50
100
150
200
10
0.1
1
10
12
5
10
20
50
100
0
4
8
12
16
20
100
200
0
1
20
100
25
50
V
= 5 V
CE
0.8
1.6
2.4
3.2
4.0
0
0.2
0.5
2
5
I
= 0
f = 1 MHz
E
3 V
3 V
V
= 5 V
CE
Collector Power Dissipation Curve
When using aluminum ceramic board
S = 25 mm X 60 mm, t = 0.7 mm
Ambient Temperature
Ta (
°C)
DC Current Transfet Ratio vs.
Collector Current
Collector Current
IC
(mA)
Gain Bandwidth Product vs.
Collector Current
Collector to Base Voltage
VCB
(V)
Collector Output Capacitance vs.
Collector to Base Voltage
Collector Current
IC
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com