Electronic Components Datasheet Search
  English  ▼

X  

SPC56EL60X Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC56EL60X
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 3Page - STMicroelectronics SPC56EL60X Datasheet HTML 4Page - STMicroelectronics SPC56EL60X Datasheet HTML 5Page - STMicroelectronics SPC56EL60X Datasheet HTML 6Page - STMicroelectronics SPC56EL60X Datasheet HTML 7Page - STMicroelectronics SPC56EL60X Datasheet HTML 8Page - STMicroelectronics SPC56EL60X Datasheet HTML 9Page - STMicroelectronics SPC56EL60X Datasheet HTML 10Page - STMicroelectronics SPC56EL60X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 165 page
background image
DocID15457 Rev 12
7/165
SPC56ELx, SPC564Lx
Introduction
164
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the devices.
This document provides electrical specifications, pin assignments, and package diagrams
for the SPC56ELx/SPC564Lx series of microcontroller units (MCUs). For functional
characteristics, see the SPC56ELx/SPC564Lx Microcontroller Reference Manual. For use
of the SPC56ELx/SPC564Lx in a fail-safe system according to safety standard ISO26262,
see the Safety Application Guide for SPCEL60.
1.2
Description
The SPC56ELx/SPC564Lx series microcontrollers are system-on-chip devices that are built
on Power Architecture technology and contain enhancements that improve the
architecture’s fit in embedded applications, include additional instruction support for digital
signal processing (DSP) and integrate technologies such as an enhanced time processor
unit, enhanced queued analog-to-digital converter, Controller Area Network, and an
enhanced modular input-output system.
The SPC56ELx/SPC564Lx family of 32-bit microcontrollers is the latest achievement in
integrated automotive application controllers. It belongs to an expanding range of
automotive-focused products designed to address electrical hydraulic power steering
(EHPS), electric power steering (EPS) and airbag applications. The advanced and cost-
efficient host processor core of the SPC56ELx/SPC564Lx automotive controller family
complies with the Power Architecture embedded category. It operates at speeds as high as
120 MHz and offers high-performance processing optimized for low power consumption. It
capitalizes on the available development infrastructure of current Power Architecture
devices and is supported with software drivers, operating systems and configuration code to
assist with users’ implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com