Electronic Components Datasheet Search
  English  ▼

X  

SPC56EL60X Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56EL60X
Description  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56EL60X Datasheet HTML 1Page - STMicroelectronics SPC56EL60X Datasheet HTML 2Page - STMicroelectronics SPC56EL60X Datasheet HTML 3Page - STMicroelectronics SPC56EL60X Datasheet HTML 4Page - STMicroelectronics SPC56EL60X Datasheet HTML 5Page - STMicroelectronics SPC56EL60X Datasheet HTML 6Page - STMicroelectronics SPC56EL60X Datasheet HTML 7Page - STMicroelectronics SPC56EL60X Datasheet HTML 8Page - STMicroelectronics SPC56EL60X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 165 page
background image
This is information on a product in full production.
July 2015
DocID15457 Rev 12
1/165
SPC56EL60x, SPC56EL54x,
SPC564L60x, SPC564L54x
32-bit Power Architecture® microcontroller for automotive
SIL3/ASILD chassis and safety applications
Datasheet
- production data
Features
 High-performance e200z4d dual core
 32-bit Power Architecture® technology CPU
 Core frequency as high as 120 MHz
 Dual issue five-stage pipeline core
 Variable Length Encoding (VLE)
 Memory Management Unit (MMU)
 4 KB instruction cache with error detection
code
 Signal processing engine (SPE)
 Memory available
– 1 MB flash memory with ECC
– 128 KB on-chip SRAM with ECC
– Built-in RWW capabilities for EEPROM
emulation
 SIL3/ASILD innovative safety concept:
LockStep mode and Fail-safe protection
– Sphere of replication (SoR) for key
components (such as CPU core, eDMA,
crossbar switch)
– Fault collection and control unit (FCCU)
– Redundancy control and checker unit
(RCCU) on outputs of the SoR connected
to FCCU
– Boot-time Built-In Self-Test for Memory
(MBIST) and Logic (LBIST) triggered by
hardware
– Boot-time Built-In Self-Test for ADC and
flash memory triggered by software
– Replicated junction temperature sensor
– Non-maskable interrupt (NMI)
– 16-region memory protection unit (MPU)
– Clock monitoring units (CMU)
– Power management unit (PMU)
– Cyclic redundancy check (CRC) unit
 Decoupled Parallel mode for high-performance
use of replicated cores
 Nexus Class 3+ interface
 Interrupts
– Replicated 16-priority controller
– Replicated 16-channel eDMA controller
 GPIOs individually programmable as input,
output or special function
 Three 6-channel general-purpose eTimer units
 2 FlexPWM units
– Four 16-bit channels per module
 Communications interfaces
– 2 LINFlexD channels
– 3 DSPI channels with automatic chip select
generation
– 2 FlexCAN interfaces (2.0B Active) with 32
message objects
– FlexRay module (V2.1 Rev. A) with 2
channels, 64 message buffers and data
rates up to 10 Mbit/s
 Two 12-bit analog-to-digital converters (ADCs)
– 16 input channels
– Programmable cross triggering unit (CTU)
to synchronize ADCs conversion with timer
and PWM
 Sine wave generator (D/A with low pass filter)
 On-chip CAN/UART bootstrap loader
 Single 3.0 V to 3.6 V voltage supply
 Ambient temperature range –40 °C to 125 °C
 Junction temperature range –40 °C to 150 °C
LFBGA257 (14 x 14 mm)
LQFP100 (14 x 14x 1.4 mm)
LQFP144 (20 x 20 x 1.4 mm)
www.st.com


Similar Part No. - SPC56EL60X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60X STMICROELECTRONICS-SPC56EL60X Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
More results

Similar Description - SPC56EL60X

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L29C525 LODEV-L29C525 Datasheet
172Kb / 6P
Dual Pipeline Register
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
32-bit RISC, load/store architecture, 5-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
32-bit RISC, load/store architecture, five-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
32-bit RISC, load/store architecture, five-stage pipeline
logo
STMicroelectronics
SPC570S40E1 STMICROELECTRONICS-SPC570S40E1 Datasheet
1Mb / 68P
Single issue 4-stage pipeline in-order execution core
23-Sep-2015
logo
Cypress Semiconductor
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
32-bit RISC, load/store architecture, 5-stage pipeline
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com