Electronic Components Datasheet Search
  English  ▼

X  

SRK2001A Datasheet(PDF) 14 Page - STMicroelectronics

Part # SRK2001A
Description  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SRK2001A Datasheet HTML 10Page - STMicroelectronics SRK2001A Datasheet HTML 11Page - STMicroelectronics SRK2001A Datasheet HTML 12Page - STMicroelectronics SRK2001A Datasheet HTML 13Page - STMicroelectronics SRK2001A Datasheet HTML 14Page - STMicroelectronics SRK2001A Datasheet HTML 15Page - STMicroelectronics SRK2001A Datasheet HTML 16Page - STMicroelectronics SRK2001A Datasheet HTML 17Page - STMicroelectronics SRK2001A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Operation description
SRK2001A
14/20
DocID029495 Rev 1
Also at the turn-off, during steady-state load conditions, when the decision depends on the
adaptive control circuitry, there is no need to have a very fast drive with hard pull-down,
because the current has not yet reached zero and the operation is far from the current
inversion occurrence. Moreover, slow transitions also help reducing the perturbation
introduced into the system that arise due to the MOSFET turn-on and turn-off, contributing
to improve the overall behavior of the LLC resonant converter.
The gate-drive circuit is specifically designed to reduce the switching noise at the turn-off,
due to parasitic inductance in the driving current path. In fact, during the adaptive turn-off, it
provides a controlled turn-off time (with the characteristic two-slope falling edge) in order to
limit the current peak during gate drive transition, and does not require any resistor in series
to the SR MOSFET gates.
On the other side, during very fast load transitions or on a sudden occurrence of the above
resonance operation, when the turn-off decision is taken by ZCD_OFF logic, the MOSFET
turn-off needs to be very fast to avoid current inversion: therefore, the two gate drivers are
designed to guarantee for a very short turn-off total delay.
In order to avoid current inversions, the SRK2001A stops driving SR MOSFETs during any
operating condition where the converter enters deeply into the below resonance region
(i.e. switching frequency gets lower than 60% of resonance frequency).
7.6
EN and PROG pins: function and usage
The SRK2001A can enter the low consumption mode in one of the following ways:
By EN pin remote on-off (through a small signal NPN transistor)
By detecting the primary controller burst-mode operation
The PROG pin allows the user to program the conduction duty-cycle of the SR MOSFET
body diode to exit the low consumption mode: the configuration choice is done during the
start-up phase (when the supply voltage reaches the turn-on level VCC_On) and internally
stored as long as VCC is within the supply range. Referring to Figure 9: a precise current
generator IPROG, sourcing current to the PROG pin, fixes the voltage across the external
resistor RPG; depending on this voltage level, the conduction duty-cycle to exit the low
consumption state is set, among those contained in the internal lookup table (see Table 6).
After internal storing (pinstrap phase), the current generator IPROG is disabled. In case
during the startup the EN pin is kept low, the pinstrap phase will happen only after the EN
pin is pulled high.
Figure 9. EN - PROG pins configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com