Electronic Components Datasheet Search
  English  ▼

X  

SRK2001A Datasheet(PDF) 16 Page - STMicroelectronics

Part # SRK2001A
Description  Auto-compensation of parasitic inductance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SRK2001A Datasheet HTML 12Page - STMicroelectronics SRK2001A Datasheet HTML 13Page - STMicroelectronics SRK2001A Datasheet HTML 14Page - STMicroelectronics SRK2001A Datasheet HTML 15Page - STMicroelectronics SRK2001A Datasheet HTML 16Page - STMicroelectronics SRK2001A Datasheet HTML 17Page - STMicroelectronics SRK2001A Datasheet HTML 18Page - STMicroelectronics SRK2001A Datasheet HTML 19Page - STMicroelectronics SRK2001A Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Operation description
SRK2001A
16/20
DocID029495 Rev 1
7.7
Layout guidelines
The GND pin is the return of the bias current of the device and return for gate drive currents:
it should be routed to the common point where the source terminals of both synchronous
rectifier MOSFETs are connected. When laying out the PCB, care must be taken in keeping
the source terminals of both SR MOSFETs as close to one another as possible and routing
the trace that goes to the GND separately from the load current return path. This trace
should be as short as possible and be as close to the physical source terminals as possible.
Doing the layout as more geometrically symmetrical as possible will help make the circuit
operation as much electrically symmetrical as possible.
Also drain-source voltage sensing should be done as physically close to the drain and
source terminals as possible in order to minimize the stray inductance involved by the load
current path that is in the drain-to-source voltage sensing circuit.
The usage of bypass capacitors between the VCC and GND is recommended. They should
be the low-ESR, low-ESL type and located as close to the IC pins as possible. Sometimes,
a series resistor (in the tens
) between the converter's output voltage and the VCC pin,
forming an RC filter along with the by-pass capacitor, is useful to get a cleaner VCC voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com