Electronic Components Datasheet Search
  English  ▼

X  

10RIA Datasheet(PDF) 6 Page - International Rectifier

Part # 10RIA
Description  MEDIUM POWER THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10RIA Datasheet(HTML) 6 Page - International Rectifier

  10RIA Datasheet HTML 1Page - International Rectifier 10RIA Datasheet HTML 2Page - International Rectifier 10RIA Datasheet HTML 3Page - International Rectifier 10RIA Datasheet HTML 4Page - International Rectifier 10RIA Datasheet HTML 5Page - International Rectifier 10RIA Datasheet HTML 6Page - International Rectifier 10RIA Datasheet HTML 7Page - International Rectifier 10RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
10RIA Series
Bulletin I2405 rev. A 07/00
6
www.irf.com
Fig. 3 - On-state Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 4 - On-state Power Loss Characteristics
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
10 K/W
7 K/W
5 K/W
4 K/W
3 K
/W
2 K
/W
0
5
10
15
20
25
30
35
0
2
4
6
8
10 12 14 16 18
RMS Limit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
10RIA Series
T = 125°C
J
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
10 K/W
7 K/W
5 K/W
4 K/W
3 K
/W
2 K
/W
R
=1
K/W
- D
elta
R
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
10RIA Series
T = 125°C
J
90
100
110
120
130
140
150
160
170
180
190
200
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
10RIA Series
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
RRM
J
80
100
120
140
160
180
200
220
240
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
10RIA Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com