Electronic Components Datasheet Search
  English  ▼

X  

10RIA Datasheet(PDF) 1 Page - International Rectifier

Part # 10RIA
Description  MEDIUM POWER THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10RIA Datasheet(HTML) 1 Page - International Rectifier

  10RIA Datasheet HTML 1Page - International Rectifier 10RIA Datasheet HTML 2Page - International Rectifier 10RIA Datasheet HTML 3Page - International Rectifier 10RIA Datasheet HTML 4Page - International Rectifier 10RIA Datasheet HTML 5Page - International Rectifier 10RIA Datasheet HTML 6Page - International Rectifier 10RIA Datasheet HTML 7Page - International Rectifier 10RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MEDIUM POWER THYRISTORS
Stud Version
10RIA SERIES
1
10A
Bulletin I2405 rev. A 07/00
I
T(AV)
10
A
@ T
C
85
°C
I
T(RMS)
25
A
I
TSM
@50Hz
225
A
@ 60Hz
240
A
I2t@50Hz
255
A2s
@ 60Hz
233
A2s
V
DRM/VRRM
100 to 1200
V
tq
typical
110
µs
T
J
- 65 to 125
°C
Parameters
10RIA
Unit
Major Ratings and Characteristics
Features
Improved glass passivation for high reliability
and exceptional stability at high temperature
High di/dt and dv/dt capabilities
Standard package
Low thermal resistance
Metric threads version available
Types up to 1200V V
DRM/ VRRM
Typical Applications
Medium power switching
Phase control applications
Can be supplied to meet stringent military,
aerospace and other high-reliability requirements
Case Style
TO-208AA (TO-48)
www.irf.com


Similar Part No. - 10RIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 10 A
06-Jun-08
10RIA10 VISHAY-10RIA10 Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 10 A
06-Jun-08
10RIA100 VISHAY-10RIA100 Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 10 A
06-Jun-08
10RIA100M VISHAY-10RIA100M Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 10 A
06-Jun-08
10RIA100MS90 VISHAY-10RIA100MS90 Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 10 A
06-Jun-08
More results

Similar Description - 10RIA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
MEDIUM POWER THYRISTORS
25RIA IRF-25RIA Datasheet
234Kb / 9P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
MEDIUM POWER THYRISTORS
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
Medium Power Thyristors
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
Medium Power Thyristors
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
Medium Power Thyristors
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
Medium Power Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com