Electronic Components Datasheet Search
  English  ▼

X  

STM8S007C8 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8S007C8
Description  Extended instruction set
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 5Page - STMicroelectronics STM8S007C8 Datasheet HTML 6Page - STMicroelectronics STM8S007C8 Datasheet HTML 7Page - STMicroelectronics STM8S007C8 Datasheet HTML 8Page - STMicroelectronics STM8S007C8 Datasheet HTML 9Page - STMicroelectronics STM8S007C8 Datasheet HTML 10Page - STMicroelectronics STM8S007C8 Datasheet HTML 11Page - STMicroelectronics STM8S007C8 Datasheet HTML 12Page - STMicroelectronics STM8S007C8 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
DocID022171 Rev 5
9/92
STM8S007C8
Description
25
2
Description
The STM8S007C8 value line 8-bit microcontrollers offer 64 Kbytes Flash program memory.
They are referred to as high-density devices in the STM8S microcontroller family reference
manual (RM0016).
The STM8S007C8 value line devices provide the following benefits: reduced system cost,
performance, robustness, short development cycles, and product longevity.
The system cost is reduced thanks to a true data EEPROM for up to 100 k write/erase
cycles and a high system integration level with internal clock oscillators, watchdog, and
brown-out reset.
Device performance is ensured by 20 MIPS at 24 MHz CPU clock frequency and enhanced
characteristics which include robust I/O, independent watchdogs (with a separate clock
source), and a clock security system.
Short development cycles are guaranteed due to application scalability across a common
family product architecture with compatible pinout, memory map and modular peripherals.
Full documentation is offered with a wide choice of development tools.
Product longevity is ensured in the STM8S family thanks to their advanced core which is
made in a state-of-the art technology for applications with 2.95 V to 5.5 V operating supply.
Table 1. STM8S007C8 value line features
Features
STM8S007C8
Pin count
48
Max. number of GPIOs (I/O)
38
External interrupt pins
35
Timer CAPCOM channels
9
Timer complementary outputs
3
A/D converter channels
10
High-sink I/Os
16
High-density Flash program memory
64 Kbytes
Data EEPROM
128 bytes
RAM
6 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com