Electronic Components Datasheet Search
  English  ▼

X  

STM8S007C8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8S007C8
Description  Extended instruction set
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8S007C8 Datasheet HTML 1Page - STMicroelectronics STM8S007C8 Datasheet HTML 2Page - STMicroelectronics STM8S007C8 Datasheet HTML 3Page - STMicroelectronics STM8S007C8 Datasheet HTML 4Page - STMicroelectronics STM8S007C8 Datasheet HTML 5Page - STMicroelectronics STM8S007C8 Datasheet HTML 6Page - STMicroelectronics STM8S007C8 Datasheet HTML 7Page - STMicroelectronics STM8S007C8 Datasheet HTML 8Page - STMicroelectronics STM8S007C8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
This is information on a product in full production.
March 2015
DocID022171 Rev 5
1/92
STM8S007C8
Value line, 24 MHz STM8S 8-bit MCU, 64 Kbytes Flash, true data
EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I²C
Datasheet
- production data
Features
 Core
–Max fCPU: up to 24 MHz, 0 wait states @
fCPU 16 MHz
– Advanced STM8 core with Harvard
architecture and 3-stage pipeline
– Extended instruction set
– Max 20 MIPS @ 24 MHz
 Memories
– Program: 64 Kbytes Flash; data retention
20 years at 55 °C after 100 cycles
– Data: 128 bytes true data EEPROM;
endurance 100 kcycles
– RAM: 6 Kbytes
 Clock, reset and supply management
– 2.95 to 5.5 V operating voltage
– Low power crystal resonator oscillator
– External clock input
– Internal, user-trimmable 16 MHz RC
– Internal low power 128 kHz RC
– Clock security system with clock monitor
– Wait, active-halt, & halt low power modes
– Peripheral clocks switched off individually
– Permanently active, low consumption
power-on and power-down reset
 Interrupt management
– Nested interrupt controller with 32
interrupts
– Up to 37 external interrupts on 6 vectors
 Timers
– 2x 16-bit general purpose timers, with 2+3
CAPCOM channels (IC, OC or PWM)
– Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-
time insertion and flexible synchronization
– 8-bit basic timer with 8-bit prescaler
– Auto wakeup timer
– Window watchdog, independent watchdog
 Communications interfaces
– UART with clock output for synchronous
operation - LIN master mode
– UART with LIN 2.1 compliant, master/slave
modes and automatic resynchronization
– SPI interface up to 10 Mbit/s
–I2C interface up to 400 Kbit/s
 10-bit ADC with up to 16 channels
 I/Os
– 38 I/Os including 16 high sink outputs
– Highly robust I/O design, immune against
current injection
– Development support
– Single wire interface module (SWIM) and
debug module (DM)
LQFP48
7 x 7mm
www.st.com


Similar Part No. - STM8S007C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 93P
Value line, 24 MHz STM8S 8-bit MCU, 64 Kbytes Flash, true data EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I²C
October 2018
STM8S007C8 STMICROELECTRONICS-STM8S007C8_V01 Datasheet
1Mb / 93P
Value line, 24 MHz STM8S 8-bit MCU, 64 Kbytes Flash, true data EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I²C
October 2018
More results

Similar Description - STM8S007C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
Instruction Set Reference Manual
Jul-1997
ST20C2 STMICROELECTRONICS-ST20C2 Datasheet
647Kb / 212P
Instruction Set Reference Manual
Jan-1996
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
SAM47 INSTRUCTION SET
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
08-Feb-2013
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
03-May-2017
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
Extended instruction set
26-Mar-2015
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
Extended instruction set
23-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com