Electronic Components Datasheet Search
  English  ▼

X  

APW7252 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7252 Datasheet HTML 3Page - Anpec Electronics Coropration APW7252 Datasheet HTML 4Page - Anpec Electronics Coropration APW7252 Datasheet HTML 5Page - Anpec Electronics Coropration APW7252 Datasheet HTML 6Page - Anpec Electronics Coropration APW7252 Datasheet HTML 7Page - Anpec Electronics Coropration APW7252 Datasheet HTML 8Page - Anpec Electronics Coropration APW7252 Datasheet HTML 9Page - Anpec Electronics Coropration APW7252 Datasheet HTML 10Page - Anpec Electronics Coropration APW7252 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
7
Pin Description
P IN
NO.
NAME
Function
A 1
E NN
V N E nable Inpu t. Note, this pin has 200kΩ (typ .) pul l-down to AG ND.
A 2
OUTN
Neg ati ve Char ge Pump Ou tp ut. Con nect a 4.7
µF capacitor to ground. Connecting two 4.7µF capacitors
to grou nd will lower th e nega tive ch arge pu mp output vol tag e r ipple.
A 3
CFLY 2
Cha rge Pump Neg ative Con necti on. Pl ace a capa citor be tween CFLY1 and CFLY 2 to ge nerate the
O UTN vo lta ge.
B 1
ENP
REG a nd OUTP Enab le Inp ut. Note , this pi n has 2 00kΩ(typ.) p ull-do wn to A GND.
B 2
S CL
S erial Clock Con nection fo r I
2
C In ter face .
B3 , E1
PG ND
P ower groun d.
C1
V IN
Inpu t Su pply. Co nnect a 4.7
µF to ground.
C2
SDA
S erial Data Co nnection for I
2
C Inte rfa ce .
C3
CFLY 1
Cha rge Pump P ositive Conn ection . Pla ce a capacitor between CFLY 1 a nd CFLY2 to cr eate the O UTN
voltage .
D1
SW
S witch node for boost conver ter. Conn ect an indu ctor between the VIN and SW pins fo r bo ost converter
o peration .
D2
AG ND
A nalog g round .
D3,E2
REG
B oost Converter O utput. Th e boost converter ou tp ut supp lies the po wer to the nega tive charg e pump
a nd LDO. Co nnect a 4.7
µF capacitor to ground.
E 3
O UTP
L DO O utput. Conn ect a 4.7
µF capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com