Electronic Components Datasheet Search
  English  ▼

X  

APW7252 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7252 Datasheet HTML 1Page - Anpec Electronics Coropration APW7252 Datasheet HTML 2Page - Anpec Electronics Coropration APW7252 Datasheet HTML 3Page - Anpec Electronics Coropration APW7252 Datasheet HTML 4Page - Anpec Electronics Coropration APW7252 Datasheet HTML 5Page - Anpec Electronics Coropration APW7252 Datasheet HTML 6Page - Anpec Electronics Coropration APW7252 Datasheet HTML 7Page - Anpec Electronics Coropration APW7252 Datasheet HTML 8Page - Anpec Electronics Coropration APW7252 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW72 52
Symbol
Param eter
Test Conditions
Min
Typ
Max
Unit
RON_REG_
CFLY1
REG to CFLY1 O n Resistance
I=100 mA
-
0 .65
-
Ω
RON_OUTN
_C FLY2
O UTN to CFLY 2 O n Re si stance
I=-10 0mA
-
0 .55
-
Ω
RDIS_OUTN O UTN Di scha rge Resistance
VOUTN=- 1V
-
100
-
Ω
TSS_OUTN
O UTN Softsta rt Time
TA=25 ℃
-
0.6
-
ms
IOUT( VP to
V N) =0mA -40mA-0
mA , Tr=100n s,
Tf=40 0ns
-
-
3 .5
%
Lo ad Tra nsi ent V OUTN
P eak-to-Pea k Voltage
VVIN=3.7 V,
VREG =5.4V,
VOUTP =5.2V,
V
OUTN =-5.2V,
C
VREG= 4.7uF,
COUTP =4.7uF,
C
OU TN= 4.7uF,
L=2.2 uH,
CFLY=2.2uF,
TA=25 ℃
IOUT( VP to
V N) =12mA -40mA-
12 mA, Tr =10 0ns,
Tf=40 0ns
-
-
3 .5
%
no l oad
-
-
0.85
%/V
IOUT
(V P to VN)=5mA
-
-
1.25
%/V
Li ne Tran sie nt VOUTN Pea k-to- Peak
Voltage
VVIN=2.8 V to 4.5V to
2.8V, Tr=Tf=2 4us,
VREG =5.4V,
VOUTP =5.2V,
VOUTN =-5.2V,
CVREG=4.7uF,
COUTP =4.7uF,
COUTN=4.7uF,
L=2.2 uH,
C
FLY= 2.2uF,
TA=25 ℃
IOUT
(V P to VN)=35mA
-
-
2 .5
%/V
PO SITIVE RE GULATOR (OUTP)
V OUTP
O UTP Ou tpu t Voltage
Register VOUTP_S ET=0 x00 , no loa d
-
4
-
V
O UTP Pro grammab le Ra nge
4
-
6
V
O UTP Ou tpu t Voltage A ccur acy
-1
-
1
%
VDRP_OUT
P
O UTP Dropo ut Voltage
VLOAD_OUTP=100mA
-
-
15 0
mV
Lo ad Regula ti on
ΔIOUT=80mA
-
3.4
-
%/Α
RDIS_OUTP OUTP Discharge Resistan ce
VOUTP=1V
-
100
-
Ω
TSS_OUTP O UTP So ftstart Time
TA=25 ℃
-
0.6
-
ms
IOUT(V P to
V N)=0mA -40mA-0m A,
Tr=1 00ns, Tf=40 0ns
-
-
2
%
Lo ad Tra nsi ent V OUTP
P eak-to-Pea k Voltage
V
VIN= 3.7 V,
VREG =5.4V,
VOUTP =5.2V,
VOUTN =-5.2V,
CVREG=4.7uF,
COUTP =4.7uF,
COUTN=4.7uF,
L=2.2 uH,
CFLY=2.2uF,
TA=25 ℃
I
OUT(V P t o
V N)=12mA -40mA -12m
A , Tr=100 ns, Tf=4 00ns
-
-
2
%
V
VIN = 3.7V, ENN = ENP = VVIN, VOUTP = 5.2V, VOUTN = -5.2 V, TA = -40
oC to 85oC; typical values are at T
A = 25
oC, Unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com