Electronic Components Datasheet Search
  English  ▼

X  

3134 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3134
Description  BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3134 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3134 Datasheet HTML 1Page - Allegro MicroSystems 3134 Datasheet HTML 2Page - Allegro MicroSystems 3134 Datasheet HTML 3Page - Allegro MicroSystems 3134 Datasheet HTML 4Page - Allegro MicroSystems 3134 Datasheet HTML 5Page - Allegro MicroSystems 3134 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3134
LOW-HYSTERESIS
BIPOLAR HALL-EFFECT SWITCH
FOR HIGH-TEMP. OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating
4.5
—
24
V
Output Saturation Voltage
V
OUT(SAT)
I
OUT = 20 mA, B > BOP
—
175
400
mV
Output Leakage Current
I
OFF
V
OUT = 24 V, B < BRP
—
0.05
1.0
µA
Supply Current
I
CC
B < B
RP (Output OFF)
—
3.2
9.0mA
B > B
OP (Output ON)
—
5.0—
mA
Output Rise Time
t
r
R
L = 820 Ω, CL = 20 pF
—
100
—
ns
Output Fall Time
t
f
R
L = 820 Ω, CL = 20 pF
—
100
—
ns
ELECTRICAL CHARACTERISTICS over operating temperature range, at V
CC = 12 V.
MAGNETIC CHARACTERISTICS over oper. temp. and oper. supply voltage ranges.
VCC
X
REG.
Dwg. FH-005-3
GROUND
OUTPUT
1
3
2
FUNCTIONAL BLOCK DIAGRAM
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
B
OP
-408.5
60 G
Release Point
B
RP
-50-19
50 G
Hysteresis
B
hys
5.027
55
G
Copyright © 1995, 2003 Allegro MicroSystems, Inc.
NOTES: B
OP = operate point (output turns ON); BRP = release point (output turns OFF); Bhys = hysteresis (BOP - BRP).
As used here, negative flux densities are defined as less than zero (algebraic convention).
Typical values are at T
A = +25°C and VCC = 12 V.
1 gauss (G) is exactly equal to 0.1 millitesla (mT).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com