Electronic Components Datasheet Search
  English  ▼

X  

3134 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3134
Description  BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3134 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3134 Datasheet HTML 1Page - Allegro MicroSystems 3134 Datasheet HTML 2Page - Allegro MicroSystems 3134 Datasheet HTML 3Page - Allegro MicroSystems 3134 Datasheet HTML 4Page - Allegro MicroSystems 3134 Datasheet HTML 5Page - Allegro MicroSystems 3134 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3134
LOW-HYSTERESIS
BIPOLAR HALL-EFFECT SWITCH
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
TYPICAL OPERATING CHARACTERISTICS
0
25
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-053
125
-25
5.0
4.0
3.0
2.0
1.0
150
V
= 12 V
CC
B < B
RP
V
= 24 V
CC
V
= 4.5 V
CC
OUTPUT SATURATION VOLTAGE
SUPPLY CURRENT
0
25
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-052
125
-25
40
20
0
-20
-40
RELEASE POINT
OPERATE POINT
150
CC
V
= 4.5 V–24 V
SWITCH POINTS
HYSTERESIS
0
25
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-051
125
-25
20
10
0
150
30
CC
V
= 4.5 V–24 V
40
50
025
50
75
100
300
0
AMBIENT TEMPERATURE IN
°°°°C
200
100
-50
Dwg. GH-029
150
-25
125
I
= 20 mA
V
= 4.5–24 V
OUT
CC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com