Electronic Components Datasheet Search
  English  ▼

X  

Si4721 Datasheet(PDF) 91 Page - Silicon Laboratories

Part # Si4721
Description  Thank you for purchasing the Silicon Laboratories
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4721 Datasheet(HTML) 91 Page - Silicon Laboratories

Back Button Si4721 Datasheet HTML 87Page - Silicon Laboratories Si4721 Datasheet HTML 88Page - Silicon Laboratories Si4721 Datasheet HTML 89Page - Silicon Laboratories Si4721 Datasheet HTML 90Page - Silicon Laboratories Si4721 Datasheet HTML 91Page - Silicon Laboratories Si4721 Datasheet HTML 92Page - Silicon Laboratories Si4721 Datasheet HTML 93Page - Silicon Laboratories Si4721 Datasheet HTML 94Page - Silicon Laboratories Si4721 Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 164 page
background image
Si47xx-EVB
Rev. 0.8
91
7.2. Weather Band Main Window
The weather band main window will appear after initialization.
Figure 72. Weather Band Receiver Main Window
Table 22. Weather Band Receiver Main Window Descriptions
#
Name
Description
1
Tune/Seek
Tune Down (<), Tune Up (>) buttons execute a signal channel step (25 kHz step).
Seek function is not available in the WB Receiver mode.
2
Frequency Slider Bar,
AFC Valid, Alert Tone
The Frequency Display indicates the frequency in MHz. To change the frequency,
drag the pointer in the Frequency Slider Bar to the desired frequency.
AFC Rail indicator will be red if the tuned frequency is in an AFC rail state;
otherwise the indicator will be grey
The Alert Tone indicator will be green if the 1050 Hz Alert Tone is detected.
3
Volume, Mute
Select the Si473x output volume (0-63) by moving the slider bar pointer. Press the
Mute button on the mute radio. The button will be red if the radio is muted. Press
the Mute button again to remove the muting.
4
Auto Scan,
To Preset, Select Stn
Auto Scan, To Preset, Select Stn functions are not available in the WB Receiver
mode.
5Status
The RSSI indicator displays the RSSI of the signal in dBuV. The SNR indicator
displays the SNR of the received signal in dB. The varactor is not available in the
WB Receiver mode.
6
Preset
Press the desired button to tune to the frequency displayed on the button. To store
a new value to the preset button, tune to the desired frequency and then press
and hold the desired button for 1.5 seconds. The button will then change to
indicate the stored frequency. This information is stored to a file and used the next
time the program is run.
7
Function
The Function buttons are used to boot up the device in a different mode.
8
SAME Event
Information
The SAME Event Information displays the SAME Event Information. Use the up/
down arrow key to view different events. (Si4707 only)
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com