Electronic Components Datasheet Search
  English  ▼

X  

ADF7010 Datasheet(PDF) 15 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF7010 Datasheet HTML 11Page - Analog Devices ADF7010 Datasheet HTML 12Page - Analog Devices ADF7010 Datasheet HTML 13Page - Analog Devices ADF7010 Datasheet HTML 14Page - Analog Devices ADF7010 Datasheet HTML 15Page - Analog Devices ADF7010 Datasheet HTML 16Page - Analog Devices ADF7010 Datasheet HTML 17Page - Analog Devices ADF7010 Datasheet HTML 18Page - Analog Devices ADF7010 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
ADF7010
–15–
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The on-board crystal oscillator circuitry (Figure 2), allows the
use of an inexpensive quartz crystal as the PLL reference. The
oscillator circuit is enabled by setting
XOE low. It is enabled
by default on power-up and is disabled by bringing CE low.
Two parallel resonant capacitors are required for oscillation at
the correct frequency; the value of these is dependent on the
crystal specification. Errors in the crystal can be corrected using
the Error Correction register within the R Register. A single-
ended reference (TCXO, CXO) may be used. The CMOS
levels should be applied to OSC2, with
XOE set high.
TO R COUNTER, AND
CLOCK OUT DIVIDE
BUFFER
SW1
100k
10pF
OSC2
NC
XTAL OSCILLATOR
DISABLED
10pF
OSC1
500k
100k
Figure 2. Oscillator Circuit on the ADF7010
CLKOUT DIVIDER AND BUFFER
The CLKOUT circuit takes the reference clock signal from the
oscillator section above and supplies a divided down 50:50
mark-space signal to the CLKOUT pin. An even divide from 2 to 30
is available. This divide is set by the 4 MSBs in the R register.
On power-up, the CLKOUT defaults to divide by 16.
CLKOUT
DV
DD
OSC1
DIVIDER
1 TO 15
DIVIDE
BY 2
CLKOUT
ENABLE BIT
Figure 3. CLKOUT Stage
The output buffer to CLKOUT is enabled by setting Bit DB4 in
the function register high. On power-up, this bit is set high. The
output buffer can drive up to a 20 pF load with a 10% rise time at
4.8 MHz. Faster edges can result in some spurious feedthrough
to the output. A small series resistor (50
W) can be used to slow
the clock edges to reduce these spurs at FCLK.
R COUNTER
The 4-bit R Counter divides the reference input frequency by an
integer from 1 to 15. The divided down signal is presented as the
reference clock to the phase frequency detector (PFD). The divide
ratio is set in the R register. Maximizing the PFD frequency
reduces the N-value. This reduces the noise multiplied at a rate
of 20 log(N) to the output, as well as reducing occurrences of
spurious components. The R register defaults to R = 1 on power-up.
PRESCALER, PHASE FREQUENCY DETECTOR (PFD),
AND CHARGE PUMP
The dual-modulus prescaler (P/P + 1) divides the RF signal
from the VCO to a lower frequency that is manageable by the
CMOS counters.
The PFD takes inputs from the R Counter and the N Counter
(N = Int + Fraction) and produces an output proportional to the
phase and frequency difference between them. Figure 4 is a
simplified schematic.
CP
U3
UP
CHARGE
PUMP
CPGND
VP
N DIVIDER
HI
D2
Q2
CLR2
U2
DOWN
HI
D1
Q1
CLR1
U1
R DIVIDER
R DIVIDER
N DIVIDER
CP OUTPUT
Figure 4. PFD Stage
The PFD includes a delay element that sets the width of the
antibacklash pulse. The typical value for this in the ADF7010 is
3 ns. This pulse ensures that there is no dead zone in the PFD
transfer function and minimizes phase noise and reference spurs.
MUXOUT AND LOCK DETECT
The MUXOUT pin allows the user to access various internal
points in the ADF7010. The state of MUXOUT is controlled by
Bits M1 to M4 in the function register.
REGULATOR READY
This is the default setting on MUXOUT after the transmitter has
been powered up. The power-up time of the regulator is typically
50
ms. Since the serial interface is powered from the regulator,
it is necessary for the regulator to be at its nominal voltage
before the ADF7010 can be programmed. The status of the regu-
lator can be monitored at MUXOUT. Once the REGULATOR
READY signal on MUXOUT is high, programming of the
ADF7010 may begin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com