Electronic Components Datasheet Search
  English  ▼

X  

ADF7010 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7010
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7010 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7010 Datasheet HTML 12Page - Analog Devices ADF7010 Datasheet HTML 13Page - Analog Devices ADF7010 Datasheet HTML 14Page - Analog Devices ADF7010 Datasheet HTML 15Page - Analog Devices ADF7010 Datasheet HTML 16Page - Analog Devices ADF7010 Datasheet HTML 17Page - Analog Devices ADF7010 Datasheet HTML 18Page - Analog Devices ADF7010 Datasheet HTML 19Page - Analog Devices ADF7010 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
ADF7010
–17–
VOLTAGE CONTROLLED OSCILLATOR (VCO)
An on-chip VCO is included on the transmitter. The VCO
converts the control voltage generated by the loop filter into an
output frequency that is sent to the antenna via the power
amplifier (PA). The VCO has a typical gain of 80 MHz/V and
operates from 900 MHz–940 MHz. The PD1 bit in the function
register is the active high bit that turns on the VCO. A frequency
divide by 2 is included to allow operation in the lower 450 MHz
band. To enable operation in the lower band, the V1 bit in the
N Register should be set to 1.
The VCO needs an external 220 nF between the VCO and the
regulator to reduce internal noise.
MUX
VCO SELECT BIT
TO PA AND
N DIVIDER
DIVIDE
BY 2
VCO CONTROL BIT
LOOP FILTER
CREG PIN
220nF
VCO
Figure 7. Voltage Controlled Oscillator
RF OUTPUT STAGE
The RF output stage consists of a DAC with a number of current
sources to adjust the output power level. To set up the power level:
FSK GFSK: The output power is set using the modulation
register by entering a 7-bit number into the bits P1–P7. The two
MSBs set the range of the output stage, while the five LSBs set
the output power in the selected range.
ASK: The output power as set up for FSK is the output power
for a TxDATA of 1. The output power for a zero data bit is set
up the same way but using the bits D1–D7.
The output stage is powered down by setting bit PD2 in the
Function register to zero.
P5
P1
P7, P6
HIGH
MED
LOW
Figure 8. Output Stage
SERIAL INTERFACE
The serial interface allows the user to program the four 24-bit
registers using a 3-wire interface. (CLK, Data, and Load Enable).
The serial interface consists of a level shifter, 24-bit shift register,
and four latches. Signals should be CMOS compatible. The serial
interface is powered by the regulator, and therefore is inactive
when CE is low.
Table I. C2, C1 Truth Table
C2
C1
Data Latch
00
R Register
01
N Register
10
Modulation Register
11
Function Register
Data is clocked into the shift register, MSB first, on the rising edge
of each clock (CLK). Data is transferred to one of four latches on
the rising edge of LE. The destination latch is determined by the
value of the two control bits (C2 and C1). These are the two
LSBs, DB1 and DB0, as shown in the timing diagram of Figure 1.
VDD
RFOUT
PA
L1
C1
50
L2
Figure 9. Output Stage Matching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com