Electronic Components Datasheet Search
  English  ▼

X  

CXM-9 Datasheet(PDF) 19 Page - Cree, Inc

Part # CXM-9
Description  Winnie series
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXM-9 Datasheet(HTML) 19 Page - Cree, Inc

Back Button CXM-9 Datasheet HTML 15Page - Cree, Inc CXM-9 Datasheet HTML 16Page - Cree, Inc CXM-9 Datasheet HTML 17Page - Cree, Inc CXM-9 Datasheet HTML 18Page - Cree, Inc CXM-9 Datasheet HTML 19Page - Cree, Inc CXM-9 Datasheet HTML 20Page - Cree, Inc CXM-9 Datasheet HTML 21Page - Cree, Inc CXM-9 Datasheet HTML 22Page - Cree, Inc CXM-9 Datasheet HTML 23Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
1
2
A
D
3
2
4
1
SCALE
1:1 WEIGHT
14,82 g
SHEET
1/1
SIZE
A4
DRAWING TITLE
CN14238_WINNIE-W
PART NUMBER
CN14238
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
C14234
WINNIE-W
PMMA
clear
2
C14235
WINNIE-HOLDER
PC
white
49.8
Top view
35
c/c
8
3.2
LED position
Bottom view
43
Front view
Isometric view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com