Electronic Components Datasheet Search
  English  ▼

X  

CXM-9 Datasheet(PDF) 1 Page - Cree, Inc

Part # CXM-9
Description  Winnie series
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXM-9 Datasheet(HTML) 1 Page - Cree, Inc

  CXM-9 Datasheet HTML 1Page - Cree, Inc CXM-9 Datasheet HTML 2Page - Cree, Inc CXM-9 Datasheet HTML 3Page - Cree, Inc CXM-9 Datasheet HTML 4Page - Cree, Inc CXM-9 Datasheet HTML 5Page - Cree, Inc CXM-9 Datasheet HTML 6Page - Cree, Inc CXM-9 Datasheet HTML 7Page - Cree, Inc CXM-9 Datasheet HTML 8Page - Cree, Inc CXM-9 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
PRODUCT DATASHEET
Winnie series
last update 11/4/2017
DETAILS
Product Number
CN14238_WINNIE-W
Family
Winnie
Type
Assembly
Color
white
Diameter
49,8 mm
Height
19,3 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
11/04/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO10
49 deg
Wide
90 %
1.100
-
V6 Gen6
47 deg
Wide
87 %
1.200
-
V8 Gen6
48 deg
Wide
88 %
1.100
-
V18 Gen6
56 deg
Wide
88 %
0.820
-
CLL01x
45 deg
Wide
87 %
1.200
-
CLL02x/CLU02x (LES10)
46 deg
Wide
87 %
1.600
-
CLL03x/CLU03x
48 deg
Wide
88 %
1.000
Bender Wirth: 433 Typ L5
CLU710/711
47 deg
Wide
87 %
1.000
-
CLL02x/CLU02x (LES10)
46 deg
Wide
87 %
1.100
Bender Wirth: 434 Typ L5
CLU700/701
42 deg
Wide
88 %
1.300
Bender Wirth: 434 Typ L5
CLU720/721
45 deg
Wide
87 %
1.200
Bender Wirth: 433 Typ L5
CLU700/701
42 deg
Wide
88 %
1.300
-
CLU710/711
45 deg
Wide
88 %
1.200
Bender Wirth: 470 Typ L5
CXA/B 15xx
52 deg
Wide
87 %
1.100
-
CXA/B 13xx
51 deg
Wide
89 %
1.100
-
MHD-E/G
45 deg
Wide
88 %
1.100
-
LUXEON CoB 1202s
46 deg
Wide
89 %
1.300
-
LUXEON CoB 1202/1203
48 deg
Wide
88 %
1.100
-
LUXEON CoB Compact
sim: 46
Wide
sim: 89 % sim: 1.300 -
CXM-9
48 deg
Wide
90 %
1.300
-
CXM-14
50 deg
Wide
86 %
1.000
-
CXM-14
sim: 48
Wide
sim: 88 % sim: 1.000 Bender Wirth: 433 Typ L5
CXM-9
sim: 46
Wide
sim: 87 % sim: 1.100 Bender Wirth: 434 Typ L5
Soleriq P6
46 deg
Wide
88 %
1.200
-
Soleriq P9
48 deg
Wide
88 %
1.100
-
May 23rd 2017 5:32 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CXM-9

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXM-9 CREE-CXM-9 Datasheet
2Mb / 38P
ANGELA series
CXM-9 CREE-CXM-9 Datasheet
2Mb / 40P
ANGELA series
logo
Luminus, Inc
CXM-9 LUMINUS-CXM-9 Datasheet
1Mb / 13P
COB Arrays White LED
CXM-9-18-70-36-AC48-F5-3 LUMINUS-CXM-9-18-70-36-AC48-F5-3 Datasheet
1Mb / 23P
Custom Color COB Arrays LED Specialty Lighting
CXM-9-22-90-36-TA60-F7-2 LUMINUS-CXM-9-22-90-36-TA60-F7-2 Datasheet
1Mb / 15P
Generation 6 CXM-9 COB Arrays White LED
2023
More results

Similar Description - CXM-9

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
CN14236 CREE-CN14236 Datasheet
4Mb / 89P
Winnie series
CN14237 CREE-CN14237 Datasheet
3Mb / 76P
Winnie series
CN14811 CREE-CN14811 Datasheet
4Mb / 62P
Winnie series
logo
Ledil, Inc.
CN15822 LEDIL-CN15822 Datasheet
1Mb / 25P
Winnie Assembly
CN15824 LEDIL-CN15824 Datasheet
1Mb / 25P
Winnie Assembly
CN15825 LEDIL-CN15825 Datasheet
1Mb / 27P
Winnie Assembly
CN15826 LEDIL-CN15826 Datasheet
1Mb / 25P
Winnie Assembly
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com