Electronic Components Datasheet Search
  English  ▼

X  

9DBU0731 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9DBU0731
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0731 Datasheet(HTML) 4 Page - Integrated Device Technology

  9DBU0731 Datasheet HTML 1Page - Integrated Device Technology 9DBU0731 Datasheet HTML 2Page - Integrated Device Technology 9DBU0731 Datasheet HTML 3Page - Integrated Device Technology 9DBU0731 Datasheet HTML 4Page - Integrated Device Technology 9DBU0731 Datasheet HTML 5Page - Integrated Device Technology 9DBU0731 Datasheet HTML 6Page - Integrated Device Technology 9DBU0731 Datasheet HTML 7Page - Integrated Device Technology 9DBU0731 Datasheet HTML 8Page - Integrated Device Technology 9DBU0731 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER
4
MARCH 8, 2017
9DBU0731 DATASHEET
Test Loads
Driving LVDS
Rs
Rs
Low-Power Differential Output Test Load
2pF
2pF
5 inches
Zo=100ohm
Note: The device can drive transmission line lengths greater
than those allowed by the PCIe SIG
Alternate Differential Output Terminations
Rs
Zo
Units
33
100
27
85
Ohms
Driving LVDS inputs
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Value
Note
Rs
Device
Rs
L4
Driving LVDS
Cc
Cc
R7a
R7b
R8a
R8b
LVDS Clock
input
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com