Electronic Components Datasheet Search
  English  ▼

X  

9DBU0731 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 9DBU0731
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0731 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 9DBU0731 Datasheet HTML 9Page - Integrated Device Technology 9DBU0731 Datasheet HTML 10Page - Integrated Device Technology 9DBU0731 Datasheet HTML 11Page - Integrated Device Technology 9DBU0731 Datasheet HTML 12Page - Integrated Device Technology 9DBU0731 Datasheet HTML 13Page - Integrated Device Technology 9DBU0731 Datasheet HTML 14Page - Integrated Device Technology 9DBU0731 Datasheet HTML 15Page - Integrated Device Technology 9DBU0731 Datasheet HTML 16Page - Integrated Device Technology 9DBU0731 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER
16
MARCH 8, 2017
9DBU0731 DATASHEET
Ordering Information
“LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number
Shipping Packaging
Package
Temperature
9DBU0731AKLF
Trays
40-pin VFQFPN
0 to +70° C
9DBU0731AKLFT
Tape and Reel
40-pin VFQFPN
0 to +70° C
9DBU0731AKILF
Trays
40-pin VFQFPN
-40 to +85° C
9DBU0731AKILFT
Tape and Reel
40-pin VFQFPN
-40 to +85° C
Rev.
Initiator Issue Date Description
Page #
A
RDW
7/16/2014 1. Updated electrical tables to final, and release
Various
B
RDW
9/19/2014
Updated SMBus Input High/Low parameters conditions, MAX
values, and footnotes.
6
C
RDW
4/17/2015
1. Updated pin out and pin descriptions to show ePad on
package connected to ground.
2. Minor updates to front page text for family consistency.
3. Updated Clock Input Parameters table to be consistent with
PCIe Vswing parameter.
1-5
D
RDW
3/8/2017
1. Updated pin 25 from VDDA1.5 to VDDO1.5 to clearly indicate
that this part has no PLL.
2. Removed "Bypass Mode" reference in "Output Duty Cycle..."
and "Phase Jitter Parameters" tables; update note 3 under
Output Duty Cycle table.
3. Changed VDDA to VDDO1.5 in Current Consumption table.
4. Updated Additive Phase Jitter conditions for PCIe Gen3.
2,3,7,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com