Electronic Components Datasheet Search
  English  ▼

X  

AT84AD004 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT84AD004
Description  DUAL 8 BIT 500 MSPS ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84AD004 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT84AD004 Datasheet HTML 17Page - ATMEL Corporation AT84AD004 Datasheet HTML 18Page - ATMEL Corporation AT84AD004 Datasheet HTML 19Page - ATMEL Corporation AT84AD004 Datasheet HTML 20Page - ATMEL Corporation AT84AD004 Datasheet HTML 21Page - ATMEL Corporation AT84AD004 Datasheet HTML 22Page - ATMEL Corporation AT84AD004 Datasheet HTML 23Page - ATMEL Corporation AT84AD004 Datasheet HTML 24Page - ATMEL Corporation AT84AD004 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
21
AT84AD004
5390A–BDC–06/04
CLKQN
128
Inverted phase (-) clock input signal
(CLKQ)
DDRB
126
Synchronous data ready reset I and Q
DDRBN
127
Inverted phase (-) of input signal (DDRB)
DOAI0, DOAI1, DOAI2, DOAI3, DOAI4,
DOAI5, DOAI6, DOAI7
117, 113, 105, 101, 93, 89, 81, 77
In-phase (+) digital outputs first phase
demultiplexer (channel I) DOAI0 is the
LSB. D0AI7 is the MSB
DOAI0N, DOAI1N, DOAI2N, DOAI3N,
DOAI4N, DOAI5N, DOAI6N, DOAI7N,
118, 114, 106, 102, 94, 90, 82, 78
Inverted phase (-) digital outputs first
phase demultiplexer (channel I) DOAI0N
is the LSB. D0AI7N is the MSB
DOBI0, DOBI1, DOBI2, DOBI3, DOBI4,
DOBI5, DOBI6, DOBI7
119, 115, 107, 103, 95, 91, 83, 79
In-phase (+) digital outputs second phase
demultiplexer (channel I) DOBI0 is the
LSB. D0BI7 is the MSB
DOBI0N, DOBI1N, DOBI2N, DOBI3N,
DOBI4N, DOBI5N, DOBI6N, DOBI7N
120, 116, 108, 104, 96, 92, 84, 80
Inverted phase (-) digital outputs second
phase demultiplexer (channel I) DOBI0N
is the LSB. D0BI7N is the MSB
DOAQ0, DOAQ1, DOAQ2, DOAQ3,
DOAQ4, DOAQ5, DOAQ6, DOAQ7
136, 140, 4, 8, 16, 20, 28, 32
In-phase (+) digital outputs first phase
demultiplexer (channel Q) DOAI0 is the
LSB. D0AQ7 is the MSB
DOAQ0N, DOAQ1N, DOAQ2N, DOAQ3N,
DOAQ4N, DOAQ5N, DOAQ6N, DOAQ7N
135, 139, 3, 7, 15, 19, 27, 31
Inverted phase (-) digital outputs first
phase demultiplexer (channel Q) DOAI0N
is the LSB. D0AQ7N is the MSB
DOBQ0, DOBQ1, DOBQ2, DOBQ3,
DOBQ4, DOBQ5, DOBQ6, DOBQ7
134, 138, 2, 6, 14, 18, 26, 30
In-phase (+) digital outputs second phase
demultiplexer (channel Q) DOBQ0 is the
LSB. D0BQ7 is the MSB
DOBQ0N, DOBQ1N, DOBQ2N,
DOBQ3N, DOBQ4N, DOBQ5N,
DOBQ6N, DOBQ7N
133, 137, 1 ,5, 13, 17, 25, 29
Inverted phase (-) digital outputs second
phase demultiplexer (channel Q)
DOBQ0N is the LSB. D0BQ7N is the MSB
DOIRI
75
In-phase (+) out-of-range bit input
(I phase) combined demultiplexer
out-of-range is high on the leading edge of
code 0 and code 256
DOIRIN
76
Inverted phase of output signal DOIRI
DOIRQ
34
In-phase (+) out-of-range bit input
(Q phase) combined demultiplexer
out-of-range is high on the leading edge of
code 0 and code 256
DOIRQN
33
Inverted phase of output signal DOIRQ
MODE
74
Bit selection for 3-wire bus interface or
nominal setting
CLK
73
Input clock for 3-wire bus interface
DATA
72
Input data for 3-wire bus
LND
71
Beginning and end of register line for
3- wire bus interface
CLKOI
121
Output clock in-phase (+) channel I
Table 8. AT84AD004 LQFP 144 Pin Description (Continued)
Symbol
Pin number
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com