Electronic Components Datasheet Search
  English  ▼

X  

AT84AD004 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT84AD004
Description  DUAL 8 BIT 500 MSPS ADC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84AD004 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT84AD004 Datasheet HTML 18Page - ATMEL Corporation AT84AD004 Datasheet HTML 19Page - ATMEL Corporation AT84AD004 Datasheet HTML 20Page - ATMEL Corporation AT84AD004 Datasheet HTML 21Page - ATMEL Corporation AT84AD004 Datasheet HTML 22Page - ATMEL Corporation AT84AD004 Datasheet HTML 23Page - ATMEL Corporation AT84AD004 Datasheet HTML 24Page - ATMEL Corporation AT84AD004 Datasheet HTML 25Page - ATMEL Corporation AT84AD004 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
22
AT84AD004
5390A–BDC–06/04
Figure 14. AT84AD004 Pinout (Top View)
CLKOIN
122
Inverted phase (-) output clock channel I
CLKOQ
132
Output clock in-phase (+) channel Q,
1/2 input clock frequency
CLKOQN
131
Inverted phase (-) output clock channel Q
VtestQ, VtestI
52, 53
Pins for internal test (to be left open)
Cal
70
Calibration output bit status
Vdiode
35
Positive node of diode used for die
junction temperature measurements
Table 8. AT84AD004 LQFP 144 Pin Description (Continued)
Symbol
Pin number
Function
LQFP 144
20 by 20 by 1.4 mm
Atmel - Dual 8-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com