Electronic Components Datasheet Search
  English  ▼

X  

TPS62590DRVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter in 2-mm x 2-mm WSON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62590DRVT Datasheet HTML 3Page - Texas Instruments TPS62590DRVT Datasheet HTML 4Page - Texas Instruments TPS62590DRVT Datasheet HTML 5Page - Texas Instruments TPS62590DRVT Datasheet HTML 6Page - Texas Instruments TPS62590DRVT Datasheet HTML 7Page - Texas Instruments TPS62590DRVT Datasheet HTML 8Page - Texas Instruments TPS62590DRVT Datasheet HTML 9Page - Texas Instruments TPS62590DRVT Datasheet HTML 10Page - Texas Instruments TPS62590DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Zero-Pole
AMP.
Integrator
Error Amp
PFMComp
PWM
Comp .
VREF
Control
Stage
GateDriver
Anti
Shoot-Through
Current
LimitComparator
Current
LimitComparator
VREF
FB
VIN
GND
MODE
SW
EN
VIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6VVREF
Undervoltage
Lockout1.8V
HighSide
LowSide
Sawtooth
Generator
FB
MODE
GND
2.25MHz
Oscillator
TPS62590
www.ti.com
SLVS897C – JANUARY 2009 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The TPS62590 step-down converter operates with typically 2.25-MHz fixed frequency pulse width modulation
(PWM) at moderate to heavy load currents. At light load currents, the converter can automatically enter power
save mode and operates then in pulse frequency modulation (PFM) mode.
During PWM operation, the converter use a unique fast response voltage mode controller scheme with input
voltage feed-forward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the high-side MOSFET switch is
turned on. The current flows now from the input capacitor through the high-side MOSFET switch through the
inductor to the output capacitor and load. During this phase, the current ramps up until the PWM comparator trips
and the control logic turns off the switch. The current limit comparator also turns off the switch if the current limit
of the high-side MOSFET switch is exceeded. After a dead time preventing shoot through current, the low-side
MOSFET rectifier is turned on and the inductor current ramps down. The current flows now from the inductor to
the output capacitor and to the load. It returns to the inductor through the low-side MOSFET rectifier.
The next cycle is initiated by the clock signal again turning off the low-side MOSFET rectifier and turning on the
high-side MOSFET switch.
7.2 Functional Block Diagram
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com