Electronic Components Datasheet Search
  English  ▼

X  

TPS62590DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter in 2-mm x 2-mm WSON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62590DRVT Datasheet HTML 9Page - Texas Instruments TPS62590DRVT Datasheet HTML 10Page - Texas Instruments TPS62590DRVT Datasheet HTML 11Page - Texas Instruments TPS62590DRVT Datasheet HTML 12Page - Texas Instruments TPS62590DRVT Datasheet HTML 13Page - Texas Instruments TPS62590DRVT Datasheet HTML 14Page - Texas Instruments TPS62590DRVT Datasheet HTML 15Page - Texas Instruments TPS62590DRVT Datasheet HTML 16Page - Texas Instruments TPS62590DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
OUT
IN
OUT
OUT
V
1
V
1
V
V
ESR
L
f
8
Cout
f
-
æ
ö
D
=
´
´
+
ç
÷
´
´
´
è
ø
TPS62590
www.ti.com
SLVS897C – JANUARY 2009 – REVISED DECEMBER 2015
(6)
At light load currents the converter operates in power save mode and the output voltage ripple is dependent on
the output capacitor and inductor value. Larger output capacitor and inductor values minimize the voltage ripple
in PFM mode and tighten DC output accuracy in PFM mode.
8.2.2.2.3
Input Capacitor Selection
The buck converter has a natural pulsating input current; therefore, a low ESR input capacitor is required for best
input voltage filtering and minimizing the interference with other circuits caused by high input voltage spikes. For
most applications, a 10-
μF ceramic capacitor is recommended. The input capacitor can be increased without any
limit for better input voltage filtering.
Take care when using only small ceramic input capacitors. When a ceramic capacitor is used at the input and the
power is being supplied through long wires, such as from a wall adapter, a load step at the output or VIN step on
the input can induce ringing at the VIN pin. The ringing can couple to the output and be mistaken as loop
instability or could even damage the part by exceeding the maximum ratings.
Table 2. List of Capacitor
CAPACITANCE
TYPE
SIZE
SUPPLIER
10
μF
GRM188R60J106M69D
0603 1.6 × 0.8 × 0.8mm3
Murata
Table 3 shows the list of components for the Application Curves.
Table 3. List of Components
COMPONENT REFERENCE
PART NUMBER
MANUFACTURER
VALUE
CIN
GRM188R60J106M
Murata
10
μF, 6.3-V. X5R Ceramic
COUT
GRM188R60J106M
Murata
10
μF, 6.3-V. X5R Ceramic
C1
Murata
22-pF, COG Ceramic
L1
LPS3015
Coilcraft
2.2
μH, 110 mΩ
R1, R2
Values depending on the programmed output voltage
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com