Electronic Components Datasheet Search
  English  ▼

X  

DEV-11018 Datasheet(PDF) 4 Page - SparkFun Electronics

Part # DEV-11018
Description  Shield Landing Page
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11018 Datasheet(HTML) 4 Page - SparkFun Electronics

  DEV-11018 Datasheet HTML 1Page - SparkFun Electronics DEV-11018 Datasheet HTML 2Page - SparkFun Electronics DEV-11018 Datasheet HTML 3Page - SparkFun Electronics DEV-11018 Datasheet HTML 4Page - SparkFun Electronics DEV-11018 Datasheet HTML 5Page - SparkFun Electronics DEV-11018 Datasheet HTML 6Page - SparkFun Electronics DEV-11018 Datasheet HTML 7Page - SparkFun Electronics DEV-11018 Datasheet HTML 8Page - SparkFun Electronics DEV-11018 Datasheet HTML 9Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Next, you'll need to attach the piece of wire we've provided to the board. It will
function as a 1/4 wavelength whip antenna; the radio module won't work properly
without it. Start by stripping about 1/8" - 1/4" (3-6mm) of insulation off the end of the
wire and threading the stripped portion up through the antenna hole as pictured
below. Solder the wire to the pad as you would any other connection.
Once the wire is soldered in place, measure 8.3cm (3 1/4 inches) of wire from the
underside of the board and snip off the excess. This tunes the antenna to 1/4 of the
wavelength of the transmit/receive frequency (910MHz), which gives the best
performance/size tradeoff.
Page 4 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com