Electronic Components Datasheet Search
  English  ▼

X  

DEV-11018 Datasheet(PDF) 8 Page - SparkFun Electronics

Part # DEV-11018
Description  Shield Landing Page
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11018 Datasheet(HTML) 8 Page - SparkFun Electronics

  DEV-11018 Datasheet HTML 1Page - SparkFun Electronics DEV-11018 Datasheet HTML 2Page - SparkFun Electronics DEV-11018 Datasheet HTML 3Page - SparkFun Electronics DEV-11018 Datasheet HTML 4Page - SparkFun Electronics DEV-11018 Datasheet HTML 5Page - SparkFun Electronics DEV-11018 Datasheet HTML 6Page - SparkFun Electronics DEV-11018 Datasheet HTML 7Page - SparkFun Electronics DEV-11018 Datasheet HTML 8Page - SparkFun Electronics DEV-11018 Datasheet HTML 9Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
If there had been a failure of the RFM22 module, we'd see a complaint in the Arduino
Serial Monitor (making sure the baud rate is set to 9600). As it is, the "No reply, is
rf22_server running?" message lets us know that the sketch is running correctly, the
library compiled properly and the module is communicating properly with the Arduino.
Unplug this Arduino and plug in another one, with another RFM22 shield attached to
it, and load the "rf22_server" sketch onto that board. Launch the Arduino Serial
Monitor, and you'll note that there's no traffic at all. That's as should be; the sketch
only prints messages received from an "rf22_client" device. Now plug in the other
Arduino, the one that you already install "rf22_client" on, and watch what happens in
the Serial Monitor window.
As soon as the new Arduino comes online- not more than a couple of seconds- you'll
see a message start scrolling by indicating that the message "Hello world!" was
received, and that a reply was sent. If you open the Serial Monitor to the "rf22_client"
board, you'll notice a similar message:
That message displays the text returned from the board programmed with the
"rf22_server" example. Thus, these two examples show how to pass data back and
forth between two devices and how to respond when a message has been received.
For more information, check out the library webpage.
Important Legal Information:
The RF22 library downloadable from our site configures the RFM22 to operate at
910MHz. This is okay in the US and some other countries, but before you make
extensive use of it in projects, please check your local regulations to ensure that it is
not interfering with other local radio services. Note that the RF22 library as
downloaded from the library webpage at open.com.au configures the device to
transmit at 433MHz, which is not a generally acceptable frequency for use in the
United States.
Next steps:
Page 8 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com