Electronic Components Datasheet Search
  English  ▼

X  

DEV-12887 Datasheet(PDF) 7 Page - SparkFun Electronics

Part # DEV-12887
Description  Electric Imp Breakout Hookup Guide
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12887 Datasheet(HTML) 7 Page - SparkFun Electronics

Back Button DEV-12887 Datasheet HTML 3Page - SparkFun Electronics DEV-12887 Datasheet HTML 4Page - SparkFun Electronics DEV-12887 Datasheet HTML 5Page - SparkFun Electronics DEV-12887 Datasheet HTML 6Page - SparkFun Electronics DEV-12887 Datasheet HTML 7Page - SparkFun Electronics DEV-12887 Datasheet HTML 8Page - SparkFun Electronics DEV-12887 Datasheet HTML 9Page - SparkFun Electronics DEV-12887 Datasheet HTML 10Page - SparkFun Electronics DEV-12887 Datasheet HTML 11Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
There are three main components to the breakout board: a TPS62172 step-
down regulator (U2), the Electric Imp socket (U1), and the ATSHA204
authentication chip (U3).
Electric Imp Breakout Schematic. Click the image to get a larger picture, or
click here to view the schematic as a PDF.
Pinout
All of the imp’s GPIO pins are broken out to the 0.1"-spaced header, along
with a few related power pins:
• GND - Common pin for input voltage
• VIN - Input voltage supply fed into regulator
• PIN1 - imp pin 1 (UART
CTS, UART TX, I C SCL, SPI
SCLK, DAC, ADC, PWM)
• PIN2 - imp pin 2 (UART
RTS, UART RX, I C SDA, SPI
MISO, ADC, PWM)
• PIN5 - imp pin 5 (UART TX, SPI
SCLK, DAC, ADC, PWM)
• PIN7 - imp pin 7 (UART RX, SPI
MOSI, ADC, PWM)
• PIN8 - imp pin 8 (UART
TX, I C SCL, SPI
MOSI, ADC, PWM)
• PIN9 - imp pin 9 (UART
RX, I C SDA, SPI
MISO, ADC, PWM)
• CD - Card detect. This signal will connect to GND whenever a card is
inserted into the socket.
• 3V3 - 3.3V output from regulator
• GND - Common ground
ID Chip
There’s actually one more piece of hardware required of the impee: an ID
chip, which provides each impee with a unique identification code. This
means that every impee you encounter should include an Atmel ATSHA204
authentication chip. The imp automatically interfaces with this chip every
time it boots up, so it can identify which impee it’s plugged into. This
actually turns out to be pretty awesome, because the program that an imp
runs depends on what impee it’s plugged into. If you had two impees in
your house – say controlling an irrigation system and another controlling a
coffee machine – one, single imp would run two different programs
depending on which machine it was plugged into.
You shouldn’t ever have to fuss with the ID chip. In fact, you can forget we
ever said anything about the ATSHA204!
About the imp002 Breakout
The imp002 is a solder-down module version of the original imp card. We
have done the hard work of creating a breakout board for you. Now, you
just need one board instead of 2 to get started with the electric imp!
1289
12
2
12
189
1289
12
2
12
257
57
257
57
257
1289
2
89
189
1289
2
89
189
Page 7 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com