Electronic Components Datasheet Search
  English  ▼

X  

DEV-12887 Datasheet(PDF) 8 Page - SparkFun Electronics

Part # DEV-12887
Description  Electric Imp Breakout Hookup Guide
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12887 Datasheet(HTML) 8 Page - SparkFun Electronics

Back Button DEV-12887 Datasheet HTML 4Page - SparkFun Electronics DEV-12887 Datasheet HTML 5Page - SparkFun Electronics DEV-12887 Datasheet HTML 6Page - SparkFun Electronics DEV-12887 Datasheet HTML 7Page - SparkFun Electronics DEV-12887 Datasheet HTML 8Page - SparkFun Electronics DEV-12887 Datasheet HTML 9Page - SparkFun Electronics DEV-12887 Datasheet HTML 10Page - SparkFun Electronics DEV-12887 Datasheet HTML 11Page - SparkFun Electronics DEV-12887 Datasheet HTML 12Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
We recommend you read the About the imp section to learn what is in the
imp, what the Planner is, and a brief overview of the Squirrel language. Like
the imp card, the imp002 module contains an embedded ARM Cortex-M3
microprocessor, an onboard WiFi module, and antenna.
The Hardware: 12 Glorious I/Os
We have broken out 12 I/O pins from the imp002 module to standard 0.1"
headers. Much like the imp card, these pins can be used for a variety of
functions.
imp002 pin table from Imp's Pin Mux's Page
Pin
#
UART
UART UART UART UART I C I C SPI SPI DACADCPWM
AYes
BRX
Yes
C
Yes
D
ERX
1
CTS
TX
SCL
SCLK Yes Yes Yes
2RTS
RX
SDAMISO
Yes Yes
5
TX
SCLK
Yes Yes Yes
6TX
7RX
MOSI
Yes Yes
8
TX
SCL
MOSI
Yes Yes
9
RX
SDA
MISO
Yes Yes
Powering the imp002 Breakout
The imp002 Breakout Board contains a 3.3V TPS62172 step-down
regulator (and the inductor/capacitors supporting it). This regulator allows
for input voltages anywhere between 3.3V and 17V (voltages in the upper
end of that range may produce some heat). It can support up to 500mA of
continuous current.
There are three power inputs on the board, all of which, are fed into the on-
board 3.3V regulator:
• “VIN” header - This standard 0.1" header feeds directly into the 3.3V
regulator.
• Battery input - These are the pins labeled “+” and “-” as well as the
JST connector, which mates with our LiPo batteries (or AA batteries).
• USB mini-B connector - This power input should feed a clean, 5V
source into the breakout board’s regulator. The USB voltage supply
can come from either a mini-B cable connected to your computer or a
USB wall adapter.
1289
57
12
6E
B
2
89
2
12
257
189
Page 8 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com