Electronic Components Datasheet Search
  English  ▼

X  

IP-66 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # IP-66
Description  Rugged die-cast aluminum housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IP-66 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  IP-66 Datasheet HTML 1Page - TE Connectivity Ltd IP-66 Datasheet HTML 2Page - TE Connectivity Ltd IP-66 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACCUSTAR
® IP-66
4 to 20mA Loop Powered Clinometer
SENSOR SOLUTIONS /// AccuStar® IP-66 Rev. 3
9/2015
Page 2
PERFORMANCE SPECIFICATIONS
ELECTRICAL
Linear range
±3o to ±45o
Input voltage (unregulated)
+12 to +30VDC (+18VDC min. required for 4 to 20mA operation)
Output
*
4 to 20mA or +0.5 to +4.5VDC (see note)
Zero (level) output
12mA or +2.5VDC
Max loop resistance
500Ω at +24VDC
Linearity
Null to 10o
±0.1o
10o to 45o
±1%
Null repeatability
0.05o
Cross axis error
<1% up to 45o
Frequency response
0.5Hz @ -3db
ENVIRONMENTAL/MECHANICAL
Operating temperature range
-25o to +60oC
Temp. coefficient of null
0.05o / oC
Temp. coefficient of scale factor
0.1% / oC
Cable
Shielded cable with FEP jacket, four conductors, stranded 22 AWG,
3m (10 foot) long min..
Notes:
* Unit supplied with 4 to 20mA output calibrated. Use of the +0.5 to +4.5VDC output requires subsequent calibration!
All values are nominal unless otherwise noted!
DIMENSIONS AND WIRING
Dimensions are in inches [mm]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com