Electronic Components Datasheet Search
  English  ▼

X  

IP-66 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # IP-66
Description  Rugged die-cast aluminum housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IP-66 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  IP-66 Datasheet HTML 1Page - TE Connectivity Ltd IP-66 Datasheet HTML 2Page - TE Connectivity Ltd IP-66 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSOR SOLUTIONS /// AccuStar® IP-66 Rev. 3
9/2015
Page 1
FEATURES
Ranges from ±3o ±45o
Rugged die-cast aluminum housing
Dust and water tight to IP-66
Current or voltage output
3m (10 ft.) long jacketed cable
APPLICATIONS
Crane safety systems
Machine tool angle positioning
Barge leveling and load distribution
Medical vehicle leveling / mobile CT &
MRI
Mining equipment
Solar array tracking systems
ACCUSTAR
® IP-66
4 to 20mA Loop Powered Clinometer
SPECIFICATIONS
±3o to ±45o sensing ranges
IP-66 rated
4 to 20mA and analog outputs
Zero and span adjustable
-25o to +60oC temp range
Rugged die-cast housing
The AccuStar® IP-66 is a 4 to 20mA loop powered clinometer
specifically designed for industrial and outdoor applications.
Rated to IP-66, the rugged die-cast, powder coated aluminum
housing provides protection in the most hostile environments.
The heart of the system is a variable resistance-based tilt sensor
with no moving parts. When rotated about its sensitive axis, this
unique sensor provides an exceedingly linear variation in
resistance, which is then electronically converted into 4 to 20mA
and VDC analog outputs proportional to the angular position.
The AccuStar® IP-66 may be operated as either a 2-wire loop
powered angle transmitter, or a 4-wire analog output tilt sensor.
Mounting features integrated into the die cast housing, make
installation onto any vertical surface easy.


Similar Part No. - IP-66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP-66 ETC-IP-66 Datasheet
6Mb / 92P
Applicable Cylinder Series
More results

Similar Description - IP-66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5E-115B-W ETC2-5E-115B-W Datasheet
125Kb / 1P
Die-cast aluminum housing
logo
Lumins Inc.
SR105 LUMINIS-SR105 Datasheet
987Kb / 4P
Cast aluminum ballast housing.
SR305 LUMINIS-SR305 Datasheet
956Kb / 4P
Cast aluminum ballast housing.
SR315 LUMINIS-SR315 Datasheet
972Kb / 4P
Cast aluminum driver housing.
SR360 LUMINIS-SR360 Datasheet
896Kb / 4P
Cast aluminum ballast housing.
SR365 LUMINIS-SR365 Datasheet
905Kb / 4P
Cast aluminum driver housing.
SR615 LUMINIS-SR615 Datasheet
928Kb / 4P
Cast aluminum ballast housing.
SR620 LUMINIS-SR620 Datasheet
927Kb / 4P
Cast aluminum driver housing.
logo
M/A-COM Technology Solu...
MACS-007800-0M1R00 MA-COM-MACS-007800-0M1R00_15 Datasheet
480Kb / 3P
Rugged Die cast Construction
logo
Lumins Inc.
SR528 LUMINIS-SR528 Datasheet
466Kb / 2P
Cast aluminum driver housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com