Electronic Components Datasheet Search
  English  ▼

X  

ASDSERIES Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASDSERIES
Description  Low current consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDSERIES Datasheet(HTML) 1 Page - Abracon Corporation

  ASDSERIES Datasheet HTML 1Page - Abracon Corporation ASDSERIES Datasheet HTML 2Page - Abracon Corporation ASDSERIES Datasheet HTML 3Page - Abracon Corporation ASDSERIES Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASD SERIES
2.5 X 2.0 X 1.0 mm
2
3
3
0
3
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
8
8
6
2
9
tel 949-546-8000 | fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
.
w
w
w
|
HCMOS SMD Crystal Oscillator
Visit
www.abracon.com for Terms & Conditions of Sale
Revised: 01.19.15
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
• CCD clock for VTR Camera
• Equipment connected to PC or PC cards
• Thin equipment
• Low height 1.0mm max
• Low current consumption
• Tri-state function
• Suitable for RoHS compliant reflow
• Tight stability option
• Seam sealed package assures
high reliability
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
0.750
60
MHz
Operating Temperature
-20
+70
°C
STD temp. Option
code E (See options)
Storage Temperature
-55
+100
°C
Overall Frequency Stability
-100
+100
ppm
See options
Supply Voltage (Vdd)
+3.135
+3.3
+3.465
V
ASD (Standard)
+2.85
+3.0
+3.15
ASD1
+2.375
+2.5
+2.625
ASD2
+1.71
+1.8
+1.89
ASD3
+0.95
+1.0
+1.05
ASD6
Input Current (Idd)
ASD (3.3V)
2.5
5
mA
0.750~15.999 MHz
4
7
16.000~39.999 MHz
9
13
40.000~60.000 MHz
ASD1 (3.0V)
2.5
4
mA
0.750~15.999 MHz
3.5
6
16.000~39.999 MHz
8
12
40.000~60.000 MHz
ASD2 (2.5V)
2
3.5
mA
0.750~15.999 MHz
3
5
16.000~39.999 MHz
7
10
40.000~60.000 MHz
ASD3 (1.8V)
1
2.5
mA
0.750~15.999 MHz
2
4
16.000~39.999 MHz
4
7
40.000~60.000 MHz
ASD6 (1.0V)
1.0
2.5
mA
25.000 MHz
Symmetry @ 1/2Vdd
40
60
%
STD (See option)
Output Load:
15
pF
CMOS
Output Voltage (VOH):
0.9* Vdd
V
Output Voltage (VOL):
0.1* Vdd
V
Pb RoHS/RoHS II compliant
ESD Sensitive
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable
For Vdd=3.3V & 2.5V and custom frequencies between 8.00MHz & 200.000MHz, or
carrier frequency > 60.0MHz, please consider Abracon’s ASG2-C series of XO and VCXO’s


Similar Part No. - ASDSERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASD ABRACON-ASD Datasheet
222Kb / 2P
LOW VOLTAGE HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
5.10.07
logo
M-System Co.,Ltd.
ASD MSYSTEM-ASD Datasheet
113Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
Abracon Corporation
ASD ABRACON-ASD Datasheet
882Kb / 4P
HCMOS SMD Crystal Oscillator
01.19.15
logo
PAIRUI GROUP INC.
ASD-10 PAIRUI-ASD-10 Datasheet
292Kb / 4P
AC-DC Converter
ASD-10 PAIRUI-ASD-10 Datasheet
165Kb / 4P
AC-DC Converter
More results

Similar Description - ASDSERIES

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
Low current consumption Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com