Electronic Components Datasheet Search
  English  ▼

X  

ASDSERIES Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASDSERIES
Description  Low current consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDSERIES Datasheet(HTML) 2 Page - Abracon Corporation

  ASDSERIES Datasheet HTML 1Page - Abracon Corporation ASDSERIES Datasheet HTML 2Page - Abracon Corporation ASDSERIES Datasheet HTML 3Page - Abracon Corporation ASDSERIES Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASD SERIES
2
3
3
0
3
ai
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
8
8
6
2
9
tel 949-546-8000 | fax 949-546-8001
m
o
c.
n
o
c
a
r
b
a.
w
w
w
|
HCMOS SMD Crystal Oscillator
Visit
www.abracon.com for Terms & Conditions of Sale
Revised: 01.19.15
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
(Continued)
Parameters
Minimum
Typical
Maximum
Units
Notes
Rise and Fall Time
(Tr/Tf):
ASD (3.3V)
3
7
ns
0.750~15.999 MHz
2.5
6
16.000~39.999 MHz
2
4
40.000~60.000 MHz
ASD1 (3.0V)
3
7
ns
0.750~15.999 MHz
2.5
6
16.000~39.999 MHz
2
4
40.000~60.000 MHz
ASD2 (2.5V)
4
8
ns
0.750~15.999 MHz
3
7
16.000~39.999 MHz
2.5
5
40.000~60.000 MHz
ASD3 (1.8V)
5
10
ns
0.750~15.999 MHz
3.5
8
16.000~39.999 MHz
3
6
40.000~60.000 MHz
ASD6 (1.0V)
1.9
6.0
ns
25.000 MHz
Start-up Time:
ASD (3.3V)
6
10
ms
0.750~15.999 MHz
6
10
16.000~39.999 MHz
5
10
40.000~60.000 MHz
ASD1 (3.0V)
6
10
ms
0.750~15.999 MHz
6
10
16.000~39.999 MHz
5
10
40.000~60.000 MHz
ASD2 (2.5V)
6
10
ms
0.750~15.999 MHz
6
10
16.000~39.999 MHz
5
10
40.000~60.000 MHz
ASD3 (1.8V)
6
10
ms
0.750~15.999 MHz
6
10
16.000~39.999 MHz
5
10
40.000~60.000 MHz
ASD6 (1.0V)
2.0
10
ms
25.000 MHz
Tri-state function (Stand-by) :
"1" (VIH≥0.7*Vdd) or Open: Oscillation;
"0" (VIH<0.3*Vdd) : No oscillation/Hi Z
Phase Jitter
(12kHz to 20MHz)
ASD (3.3V)
0.4
1.0
ps
0.750~15.999 MHz
0.4
1.0
16.000~39.999 MHz
0.3
1.0
40.000~60.000 MHz
ASD1 (3.0V)
0.4
1.0
ps
0.750~15.999 MHz
0.4
1.0
16.000~39.999 MHz
0.3
1.0
40.000~60.000 MHz
ASD2 (2.5V)
0.5
1.0
ps
0.750~15.999 MHz
0.5
1.0
16.000~39.999 MHz
0.5
1.0
40.000~60.000 MHz
ASD3 (1.8V)
0.5
1.0
ps
0.750~15.999 MHz
0.5
1.0
16.000~39.999 MHz
0.5
1.0
40.000~60.000 MHz
ASD6 (1.0V)
0.3
1.0
ps
25.000 MHz
Period Jitter RMS
ASD (3.3V)
3.0
5.0
ps
0.750~15.999 MHz
3.0
5.0
16.000~39.999 MHz
3.0
5.0
40.000~60.000 MHz
ASD1 (3.0V)
3.0
5.0
ps
0.750~15.999 MHz
3.0
5.0
16.000~39.999 MHz
3.0
5.0
40.000~60.000 MHz
ASD2 (2.5V)
3.0
5.0
ps
0.750~15.999 MHz
3.0
5.0
16.000~39.999 MHz
3.0
5.0
40.000~60.000 MHz
ASD3 (1.8V)
3.0
5.0
ps
0.750~15.999 MHz
3.0
5.0
16.000~39.999 MHz
3.0
5.0
40.000~60.000 MHz
ASD6 (1.0V)
4.8
6.0
ps
25.000 MHz
Aging at 25°C/year
-5
+5
ppm
Disable Current:
20
µA
2.5 X 2.0 X 1.0 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com