Electronic Components Datasheet Search
  English  ▼

X  

ASG-D Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASG-D
Description  Frequency range from 10MHz to 250MHz with LVCMOS output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASG-D Datasheet(HTML) 4 Page - Abracon Corporation

  ASG-D Datasheet HTML 1Page - Abracon Corporation ASG-D Datasheet HTML 2Page - Abracon Corporation ASG-D Datasheet HTML 3Page - Abracon Corporation ASG-D Datasheet HTML 4Page - Abracon Corporation ASG-D Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
|||| | | | | | | | | | | |
ASG-D Series
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.17.12
Visit
www.abracon.comfor Terms & Conditions of Sale
Programmable - High Performance SMD XO & VCXO
7.0 x 5.0 x 1.9mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
OUTLINE DIMENSIONS:
REFLOW PROFILE:
Pin #
Pin Description
For VCXO configuration
1
Voltage Control for VCXO
2
Output Enable (OE)
3
GND
4
RF Output
5
RF
Output
6
Vdd
Pin #
Pin Description
For XO configuration
1
Output Enable (OE)
2
N/C for XO
3
GND
4
RF Output
5
RF
Output
6
Vdd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com