Electronic Components Datasheet Search
  English  ▼

X  

ASG-D Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASG-D
Description  Frequency range from 10MHz to 250MHz with LVCMOS output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASG-D Datasheet(HTML) 1 Page - Abracon Corporation

  ASG-D Datasheet HTML 1Page - Abracon Corporation ASG-D Datasheet HTML 2Page - Abracon Corporation ASG-D Datasheet HTML 3Page - Abracon Corporation ASG-D Datasheet HTML 4Page - Abracon Corporation ASG-D Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
|||| | | | | | | | | | | |
ASG-D Series
FEATURES:
APPLICATIONS:
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.17.12
Visit
www.abracon.comfor Terms & Conditions of Sale
Programmable - High Performance SMD XO & VCXO
7.0 x 5.0 x 1.9mm
STANDARD SPECIFICATIONS:
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
• ASG series is a High Performance crystal based oscillator; available
either as an XO or a VCXO
• Frequency range from 10MHz to 250MHz with LVCMOS output
• Available from 10MHz to 1.50GHz with LVDS or LVPECL output
• Offered with either 2.50V or 3.30V bias voltage
• Quick turn, 1~5 business days for small quantity orders
• Networking, SONET/SDH
• WiMax / WLAN
• Computing
• Phase Locked Loops
• Direct Digital Synthesis (DDS)
• DSL/ADSL
• Base Terminal Stations
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range:
Vdd = 3.3V
10
1500
MHz
Vdd = 2.5V
10
1500
MHz
Operating Temperature:
-40
+85
°C
Storage Temperature:
-55
+125
°C
Overall Frequency Stability:
-50
+50
ppm
See Note # 1
Initial Set Tolerance
-5.00
< ±1.00
+5.00
ppm
Stability over operating temperature
-35.00
< ±20.00
+35.00
ppm
Aging @ 25ºC over 10-years
-7.00
+7.00
ppm
Frequency variation over supply
voltage change (±5%)
-2.00
+2.00
ppm
Frequency variation over load
variation (15pF ± 5%)
-1.00
+1.00
ppm
Supply Voltage (Vdd):
Vdd = 3.3V
3.135
3.300
3.465
V
Vdd = 2.5V
2.375
2.500
2.625
V
Input Current:
Vdd = 3.3V
< 25
40
mA
Frequency dependent
Vdd = 2.5V
< 25
35
mA
Frequency dependent
LVDS Output
(Out &
Out ):
Differential Output
Voltage
175
350
mV
VOD
VOD Magnitude
Change
50
mV
ΔVOD
Offset Voltage
1.25
V
VOS
VOS Magnitude
Change
50
mV
ΔVOS
Duty Cycle
45
48/52
55
%
ODCLVDS
Rise Time
125
350
ps
tR
Fall Time
150
450
ps
tF
Start-up Time:
< 2.0
3.0
ms
Enable/Disable Function :
"1" (VIH ≥ 0.7*Vdd) or Open: Oscillation
"0" (VIL < 0.3*Vdd) : High Z
Vcontrol Range
0.00
Vdd
Volts
For VCXO
Frequency Pull
±50
ppm
Control Port Bandwidth
10
kHz
Integer
Mode
< 0.60
1.60
ps
12kHz to 20MHz
Phase jitter RMS
[ tjit(ϕ) ]
See Note #2
Fractional
Mode
< 0.90
1.60
ps
12kHz to 20MHz
Note #1: Inclusive of initial tolerance at 25ºC±3ºC, operating temperature range, input voltage variation, load variation & aging.
Note #2: The rms jitter over 12kHz to 20MHz Bandwidth is dependent on the carrier and whether or not the final frequency is
achieved without engaging the Fractional Mode


Similar Part No. - ASG-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG-101 ETC-ASG-101 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
logo
Super Micro Computer, I...
ASG-1014S-ACR12N4H SUPERMICRO-ASG-1014S-ACR12N4H Datasheet
552Kb / 2P
MegaDC A Server ASG-1014S-ACR12N4H
ASG-1115S-NE316R SUPERMICRO-ASG-1115S-NE316R Datasheet
481Kb / 2P
Storage A Server ASG-1115S-NE316R
ASG-1115S-NE3X12R SUPERMICRO-ASG-1115S-NE3X12R Datasheet
479Kb / 2P
Storage A Server ASG-1115S-NE3X12R
ASG-2015S-E1CR24H SUPERMICRO-ASG-2015S-E1CR24H Datasheet
606Kb / 3P
Storage A Server ASG-2015S-E1CR24H
More results

Similar Description - ASG-D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
logo
SG Micro Corp
SGM8052 SGMICRO-SGM8052_15 Datasheet
491Kb / 20P
250MHz, Rail-to-Rail Output
logo
Rohm
BU90T82 ROHM-BU90T82 Datasheet
853Kb / 28P
Support clock frequency from 10MHz up to 174MHz
logo
Integrated Device Techn...
8705I IDT-8705I Datasheet
276Kb / 18P
Output frequency range
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
logo
Skyworks Solutions Inc.
SI5336X SKYWORKS-SI5336X Datasheet
1Mb / 35P
Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com