Electronic Components Datasheet Search
  English  ▼

X  

TPD2S300 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S300
Description  USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S300 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPD2S300 Datasheet HTML 9Page - Texas Instruments TPD2S300 Datasheet HTML 10Page - Texas Instruments TPD2S300 Datasheet HTML 11Page - Texas Instruments TPD2S300 Datasheet HTML 12Page - Texas Instruments TPD2S300 Datasheet HTML 13Page - Texas Instruments TPD2S300 Datasheet HTML 14Page - Texas Instruments TPD2S300 Datasheet HTML 15Page - Texas Instruments TPD2S300 Datasheet HTML 16Page - Texas Instruments TPD2S300 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
TPD2S300
www.ti.com
SLVSDL1 – APRIL 2017
Product Folder Links: TPD2S300
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 2-Channels of Short-to-VBUS Overvoltage Protection (CC1, CC2 Pins): 24-VDC Tolerant
The TPD2S300 provides 2-channels of Short-to-VBUS Overvoltage Protection for the CC1 and CC2 pins of the
USB Type-C connector. The TPD2S300 is able to handle 24-V DC on its C_CC1 and C_CC2 pins. This is
necessary because according to the USB PD specification, with VBUS set for 20-V operation, the VBUS voltage is
allowed to legally swing up to 21 V, and 21.5 V on voltage transitions from a different USB PD VBUS voltage. The
TPD2S300 builds in tolerance up to 24-VBUS to provide margin above this 21.5 V specification to be able to
support USB PD adaptors that may break the USB PD specification.
When a short-to-VBUS event occurs, ringing happens due to the RLC elements in the hot-plug event. With very
low resistance in this RLC circuit, ringing up to twice the settling voltage can appear on the connector. More than
2x ringing can be generated if any capacitor on the line derates in capacitance value during the short-to-VBUS
event. This means that more than 44 V could be seen on a USB Type-C pin during a Short-to-VBUS event. The
TPD2S300 has built in circuit protection to handle this ringing. The diode clamps used for IEC ESD protection
also clamp the ringing voltage during the short-to-VBUS event to limit the peak ringing to around 30 V.
Additionally, the overvoltage protection FETs integrated inside the TPD2S300 are 30-V tolerant, therefore being
capable of supporting the high voltage ringing waveform that is experienced during the short-to-VBUS event. The
well designed combination of voltage clamps and 30-V tolerant OVP FETs insures the TPD2S300 can handle
Short-to-VBUS hot-plug events with hot-plug voltages as high as 24-VDC.
The TPD2S300 has an extremely fast turnoff time of 145 ns typical. Furthermore, additional voltage clamps are
placed after the OVP FET on the system side (CC1, CC2) pins of the TPD2S300, to further limit the voltage and
current that is exposed to the USB Type-C CC/PD controller during the 145 ns interval while the OVP FET is
turning off. The combination of connector side voltage clamps, OVP FETs with extremely fast turnoff time, and
system side voltage clamps all work together to insure the level of stress seen on the CC1 and CC2 pin during a
short-to-VBUS event is comparable to an HBM ESD event. This is done by design, as any USB Type-C CC/PD
controller has built in HBM ESD protection.
7.3.2 2-Channels of IEC61000-4-2 ESD Protection (CC1, CC2 Pins)
The TPD2S300 integrates 2-Channels of IEC 61000-4-2 system level ESD protection for the CC1 and CC2 pins
of the USB Type-C connector. USB Type-C ports on end-products need system level IEC ESD protection in
order to provide adequate protection for the ESD events that the connector can be exposed to from end users.
High-voltage IEC ESD protection that is 24-V DC tolerant is required for the CC lines in order to simultaneously
support IEC ESD and Short-to-VBUS protection; there are not many discrete market solutions that can provide this
kind of protection. The TPD2S300 integrates this type of high-voltage ESD protection so a system designer can
meet both IEC ESD and Short-to-VBUS protection requirements in a single device.
7.3.3 Low Quiescent Current: 3.23 µA (Typical), VPWR, VM = 3.3 V
The TPD2S300 is designed with a very low quiescent current of 3.23 µA (typical) when VPWR = 3.3 V and VM =
3.3 V. The TPD2S300 is designed to have a very low quiescent current to support applications like smart-phones
where device battery life is crucial. See the Electrical Characteristics table for complete range of quiescent
currents for different VPWR and VM voltages.
7.3.4 CC1, CC2 Overvoltage Protection FETs 200 mA Capable for Passing VCONN Power
The CC pins on the USB Type-C connector serve many functions; one of the functions is to be a provider of
power to active cables. Active cables are required when desiring to pass greater than 3 A of current on the VBUS
line or when the USB Type-C port uses the super-speed lines (TX1+, TX2–, RX1+, RX1–, TX2+, TX2–, RX2+,
RX2–). When CC is configured to provide power, it is called VCONN. VCONN is a DC voltage source in the range of
3 V–5.5 V. If supporting VCONN, a VCONN provider must be able to provide 1 W of power to a cable; this translates
into a current range of 200 mA at 5-V VCONN. Therefore, the TPD2S300 has been designed to handle 200 mA of
DC current and to have an RON low enough to provide a specification compliant VCONN voltage to the active
cable.
7.3.5 CC Dead Battery Resistors Integrated for Handling Dead Battery Use Case in Mobile Devices
An important feature of USB Type-C and USB PD is the ability for this connector to serve as the sole power
source to mobile devices. With support up to 100 W, the USB Type-C connector supporting USB PD can be
used to power a whole new range of mobile devices not previously possible with legacy USB connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com