Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 33Page - Texas Instruments TSC2007 Datasheet HTML 34Page - Texas Instruments TSC2007 Datasheet HTML 35Page - Texas Instruments TSC2007 Datasheet HTML 36Page - Texas Instruments TSC2007 Datasheet HTML 37Page - Texas Instruments TSC2007 Datasheet HTML 38Page - Texas Instruments TSC2007 Datasheet HTML 39Page - Texas Instruments TSC2007 Datasheet HTML 40Page - Texas Instruments TSC2007 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TSC2007IPWR
TSSOP
PW
16
2000
367.0
367.0
35.0
TSC2007IYZGR
DSBGA
YZG
12
3000
182.0
182.0
20.0
TSC2007IYZGT
DSBGA
YZG
12
250
182.0
182.0
20.0
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Jun-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com