Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 12Page - Texas Instruments TSC2007 Datasheet HTML 13Page - Texas Instruments TSC2007 Datasheet HTML 14Page - Texas Instruments TSC2007 Datasheet HTML 15Page - Texas Instruments TSC2007 Datasheet HTML 16Page - Texas Instruments TSC2007 Datasheet HTML 17Page - Texas Instruments TSC2007 Datasheet HTML 18Page - Texas Instruments TSC2007 Datasheet HTML 19Page - Texas Instruments TSC2007 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
ANALOG-TO-DIGITAL CONVERTER
Converter
-REF
+REF
+IN
-IN
PenTouch
Control
Logic
C3-C0
MAV
V
DD
GND
GND
R
IRQ
90kW
50kW
AUX
GND
X+
X-
Y+
Y-
VDD/REF
PENIRQ
TSC2007
SBAS405A – MARCH 2007 – REVISED MARCH 2009...................................................................................................................................................... www.ti.com
Figure 23 shows the analog inputs of the TSC2007. The analog inputs (X, Y, and Z touch panel coordinates, chip
temperature and auxiliary inputs) are provided via a multiplexer to the Successive Approximation Register (SAR)
A/D converter. The A/D architecture is based on capacitive redistribution architecture, which inherently includes a
sample-and-hold function.
Figure 23. Analog Input Section (Simplified Diagram)
A unique configuration of low on-resistance switches allows an unselected A/D converter input channel to
provide power and an accompanying pin to provide ground for driving the touch panel. By maintaining a
differential input to the converter and a differential reference input architecture, it is possible to negate errors
caused by the driver switch on-resistance.
16
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com