Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPWR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPWR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSC2007IPWR Datasheet HTML 26Page - Texas Instruments TSC2007IPWR Datasheet HTML 27Page - Texas Instruments TSC2007IPWR Datasheet HTML 28Page - Texas Instruments TSC2007IPWR Datasheet HTML 29Page - Texas Instruments TSC2007IPWR Datasheet HTML 30Page - Texas Instruments TSC2007IPWR Datasheet HTML 31Page - Texas Instruments TSC2007IPWR Datasheet HTML 32Page - Texas Instruments TSC2007IPWR Datasheet HTML 33Page - Texas Instruments TSC2007IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Acquisition1
6SCLs
Conversion1
15CCLKs
STOPor
REPEATEDSTART()
Conversion2
15CCLKs
Conversion7
15CCLKs
MAVFilter
19CCLKs
Acquisition2
4CCLKs
148CCLKs(FilterisEnabled,12-BitMode)
SDA
SCL
1
0
0
1
0
A1
A0
R/W
0
0
C3
C2
C1
C0 PD1 PD0
M
X
0
START
TSC2007
ACK
TSC2007
ACK
TSC2007
ACK
CCLK
AddressByte
CommandByte
1
0
0
1
0
A1
A0
0
R/W
1
AddressByte
I CWrite
2
I C
2
Read
D11 D10
D9
D8
D7
D6
D5
D4
0
D3
D2
D1
D0
0
0
0
0
1
DataByte1
MASTER
ACK
MASTER
NACK
STOPor
REPEATEDSTART
DataByte2
ClockStretched
Acquisition1
6SCLs
Conversion1
15CCLKs
STOPor
REPEATEDSTART()
15CCLKs(FilterisDisabled,12-BitMode)
SDA
SCL
1
0
0
1
0
A1
A0
R/W
0
0
C3
C2
C1
C0 PD1 PD0
M
X
0
START
TSC2007
ACK
TSC2007
ACK
TSC2007
ACK
ClockStretched
CCLK
AddressByte
CommandByte
1
0
0
1
0
A1
A0
0
R/W
1
AddressByte
D11 D10
D9
D8
D7
D6
D5
D4
0
D3
D2
D1
D0
0
0
0
0
1
DataByte1
MASTER
ACK
MASTER
NACK
STOPor
REPEATEDSTART
DataByte2
I C
2
Write
I C
2
Read
TSC2007
SBAS405A – MARCH 2007 – REVISED MARCH 2009 .................................................................................................................................................................................................................................................. www.ti.com
Figure 33. Data Acquisition Cycle (Filter Enabled)
Figure 34. Data Acquisition Cycle (Filter Disabled)
30
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com